Electronic Components Datasheet Search
  English  ▼

X  

IL9921 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL9921
Description  HIGH-VOLTAGE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL9921 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL9921 Datasheet HTML 1Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 2Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 3Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 4Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 5Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IL9921/IL9922/IL9923
3
2011, February, Ver. 01
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Limit
Unit
Min
Max
VIN
Input voltage
-0.3
420
V
VDD
Low-voltage (control) part of IC supply
voltage
-0.3
10
V
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATION RANGE
Symbol
Parameter
Limit
Unit
Min
Max
VIN
Input voltage
20
400
V
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Limit
Ambient
temperature,
oC
Unit
Min
Max
VDDR
Regulator output voltage
VIN = (20- 400)V
5.5
9.0
25
 10
V
IDD
Low-voltage (control) part
of IC consumption
current
VDD = 9,5 V
VIN = 40 V
-
350
uA
RON
ON-resistance of the
switch (DRAIN pin)
VDD = VDDR
IDRAIN = 20 mA
-
210
Ohm
VUVLO
Undervoltage threshold
(Low-voltage part of IC)
VDD = VUVLO
IDRAIN = 20 mA
4.0
VDDR –
0.3
V
ISAT
MOSFET saturation
current (DRAIN pin)
VDD= VDDR
VSAT = 50 V
100
-
mA
VBR
OFF-state breakdown
voltage of the MOSFET
switch (DRAIN pin)
VDD = VDDR
IDRAIN = 1 mA
500
-
V
ITH
Threshold current
IL9921
IL9922
IL9923
VDD = VDDR
VIN = 50 V
20.5
52.0
30.8
25.5
63.0
38.2
25
 10
-40
85
mA
TOFF
OFF time
(DRAIN pin)
VDD = VDDR
VIN = 50 V
8.0
13.0
25
 10
us
TON
Minimum ON-time of the
switch (DRAIN pin)
-
650
ns
TBLANK
Leading Edge Blanking
Delay
200
400
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com