Electronic Components Datasheet Search
  English  ▼

X  

IL9921 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IL9921
Description  HIGH-VOLTAGE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL9921 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IL9921 Datasheet HTML 1Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 2Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 3Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 4Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 5Page - IK Semicon Co., Ltd IL9921 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
1
2011, February, Ver. 01
HIGH-VOLTAGE LED DRIVER
WITH BUILD-IN MOSFET SWITCH
FEATURES
▪ Operating temperature range -40 ..
+85 ºС
▪ ON-resistance of the MOSFET switch
210 Ohm for a
mbient temperature 25 ºС
▪ OFF-state breakdown voltage of the
MOSFET switch not less 500 V for
Ambient
temperature 25 ºC.
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Packing
IL9921LF, IL9922LF, IL9923LF
ТА = - 40 ... + 85 С
TO-92
Tape
IL9921PT, IL9922PT, IL9923PT
SOT-89
Tape & Reel
DESCRIPTION
IL9921, IL9922, IL9923 are high-voltage LED driver control ICs with build-in MOSFET switch
and purposed for LED lighting control.
They allow efficient operation of LED strings from voltage sources ranging up to 400VDC.
The IL9921/22 includes an internal high-voltage switching MOSFET controlled with fixed off-time
TOFF of approximately 10µs. The LED string is driven at constant current, thus providing constant
light output and enhanced reliability. The output current is internally fixed at 20mA for IL9921,
50mA for IL9922 and 30mA for IL9923. The peak current control scheme provides good regulation
of the output current throughout the universal AC line voltage range of 85 to 264V AC or DC input
voltage of 20 to 400V.
PIN DESCRIPTION
Pin No
Symbol
Description
1
Drain
This is a drain terminal of the output switching MOSFET and a
linear Regulator input.
2
GND
This is a common connection for all circuits
3
V DD
This is a power supply pin for all control circuits.
Bypass this pin with a 0.1uF low impedance capacitor.
IL9921/22/23
3. VDD
2. GND
1.Drain
2.
1
2
3
1.Drain
2.GND
3.VDD
SOT-89
TO-92


Similar Part No. - IL9921

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
8V to 450V input range
IL9961 IKSEMICON-IL9961 Datasheet
543Kb / 12P
Architecture and decorative LED lighting
More results

Similar Description - IL9921

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
29V High Voltage LED Driver
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
High Voltage LED Driver
logo
Alpha & Omega Semicondu...
AOZ1977 AOSMD-AOZ1977 Datasheet
815Kb / 16P
High Voltage LED Driver IC
AOZ1977-1 AOSMD-AOZ1977-1 Datasheet
589Kb / 16P
High Voltage LED Driver IC
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
UNIVERSAL HIGH VOLTAGE LED DRIVER
Rev 1
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
High Voltage Series LED Driver
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
High Voltage LED Lighting Driver
logo
MagnaChip Semiconductor...
MAP9000 MGCHIP-MAP9000 Datasheet
648Kb / 9P
High Voltage AC LED Driver
MAP9001 MGCHIP-MAP9001 Datasheet
835Kb / 11P
High Voltage AC LED Driver
logo
Maxic Technology Corpor...
MT7607H MAXIC-MT7607H Datasheet
97Kb / 1P
High Voltage Linear LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com