Electronic Components Datasheet Search
  English  ▼

X  

SY10E445JC Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY10E445JC
Description  4-BIT SERIAL-to-PARALLEL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E445JC Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY10E445JC Datasheet HTML 1Page - Micrel Semiconductor SY10E445JC Datasheet HTML 2Page - Micrel Semiconductor SY10E445JC Datasheet HTML 3Page - Micrel Semiconductor SY10E445JC Datasheet HTML 4Page - Micrel Semiconductor SY10E445JC Datasheet HTML 5Page - Micrel Semiconductor SY10E445JC Datasheet HTML 6Page - Micrel Semiconductor SY10E445JC Datasheet HTML 7Page - Micrel Semiconductor SY10E445JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SY10E445
SY100E445
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
Serial Input
Data
Q7 Q6 Q5 Q4
SOUT
SOUT
SIN
E445a
Q3
SIN
Q2 Q1 Q0
Q3 Q2 Q1 Q0
SIN
E445b
Q3
SIN
Q2 Q1 Q0
Clock
Clock
Tpd CLK
to SOUT
Clock b
800ps
1050ps
Clock a
667ps
(1.5GHz)
100ps
Parallel Output Data
Figure 4. Extended Frequency 1:8 Demultiplexer
Timing Diagram
PRODUCT ORDERING CODE
CLK
SINa
Q0
Q1
Q2
Q3
SOUTa
CL/4a
CL/8a
Dn–4
Q4 (Q0 a)
Q5 (Q1 a)
Q6 (Q2 a)
Q7 (Q3 a)
SOUTb
CL/4b
CL/8b
Dn–3Dn–2Dn–1
Dn
Dn+1
Dn+2
Dn+3
Dn+4
Dn–4
Dn–3
Dn–2
Dn–1
Dn
Dn+1
Dn+2
Dn+3
Dn–4Dn–3Dn–2Dn–1
Dn
Dn+1
Dn+2
Dn+3
Dn–4Dn–3Dn–2Dn–1Dn
Dn+1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com