Electronic Components Datasheet Search
  English  ▼

X  

SY10E445JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E445JC
Description  4-BIT SERIAL-to-PARALLEL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E445JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E445JC Datasheet HTML 1Page - Micrel Semiconductor SY10E445JC Datasheet HTML 2Page - Micrel Semiconductor SY10E445JC Datasheet HTML 3Page - Micrel Semiconductor SY10E445JC Datasheet HTML 4Page - Micrel Semiconductor SY10E445JC Datasheet HTML 5Page - Micrel Semiconductor SY10E445JC Datasheet HTML 6Page - Micrel Semiconductor SY10E445JC Datasheet HTML 7Page - Micrel Semiconductor SY10E445JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SY10E445
SY100E445
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
SINA, SINA
Differential Serial Data Input A
SINB, SINB
Differential Serial Data Input B
SEL
Serial Input Select Pin
SOUT, SOUT
Differential Serial Data Output
Q0–Q3
Parallel Data Outputs
CLK, CLK
Differential Clock Inputs
CL/4, CL/4
Differential
÷4 Clock Output
CL/8, CL/8
Differential
÷8 Clock Output
MODE
Conversion Mode 4-bit/8-bit
SYNC
Conversion Synchronizing Input
RESET
Input, Resets the Counters
VCCO
VCC to Output
DESCRIPTION
FEATURES
s On-chip clock
÷4 and ÷8
s Extended 100E VEE range of –4.2V to –5.5V
s 2.5Gb/s data rate capability
s Differential clock and serial inputs
s VBB output for single-ended use
s Asynchronous data synchronization
s Mode select to expand to 8 bits
s Internal 75k
Ω input pull-down resistors
s Fully compatible with Motorola MC10E/100E445
s Available in 28-pin PLCC package
4-BIT SERIAL-to-PARALLEL
CONVERTER
The SY10/100E445 are integrated 4-bit serial-to-parallel
data converters. The devices are designed to operate for
NRZ data rates of up to 2.5Gb/s. The chip generates a
divide-by-4 and a divide-by-8 clock for both 4-bit conversion
and a two-chip 8-bit conversion function. The conversion
sequence was chosen to convert the first serial bit to Q0,
the second to Q1, etc.
Two selectable serial inputs provide a loopback capability
for testing purposes when the device is used in conjunction
with the E446 parallel-to-serial converter.
The start bit for conversion can be moved using the
SYNC input. A single pulse, applied asynchronously for at
least two input clock cycles, shifts the start bit for conversion
from Qn to Qn-1 by one bit. For each additional shift required,
an additional pulse must be applied to the SYNC input.
Asserting the SYNC input will force the internal clock dividers
to "swallow" a clock pulse, effectively shifting a bit from the
Qn to the Qn-1 output (see Timing Diagram B).
The MODE input is used to select the conversion mode
of the device. With the MODE input LOW (or open) the
device will function as a 4-bit converter. When the mode
input is driven HIGH, the data on the output will change on
every eighth clock cycle, thus allowing for an 8-bit conversion
scheme using two E445s. When cascaded in an 8-bit
conversion scheme, the devices will not operate at the
2.5Gb/s data rate of a single device. Refer to the applications
section of this data sheet for more information on cascading
the E445.
For lower data rate applications, a VBB reference voltage
is supplied for single-ended inputs. When operating at clock
rates above 500MHz, differential input signals are
recommended. For single-ended inputs, the VBB pin is tied
to the inverting differential input and bypassed via a 0.01
µF
capacitor. The VBB provides the switching reference for the
input differential amplifier. The VBB can also be used to AC
couple an input signal.
SY10E445
SY100E445
PIN NAMES
Rev.: F
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY10E445JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E445JC MICREL-SY10E445JC Datasheet
83Kb / 8P
4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E445JCTR MICREL-SY10E445JCTR Datasheet
83Kb / 8P
4-BIT SERIAL-to-PARALLEL CONVERTER
More results

Similar Description - SY10E445JC

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3718 NJRC-NJU3718 Datasheet
229Kb / 7P
20-BIT SERIAL TO PARALLEL CONVERTER???????
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
logo
Micrel Semiconductor
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
4-BIT PARALLEL-TO-SERIAL CONVERTER
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
11-BIT PARALLEL TO SERIAL CONVERTER
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445_06 Datasheet
83Kb / 8P
4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446_06 Datasheet
85Kb / 9P
4-BIT PARALLEL-TO-SERIAL CONVERTER
logo
Unisonic Technologies
LS3718 UTC-LS3718 Datasheet
90Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
LS3718 UTC-LS3718_15 Datasheet
170Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
4-bit serial / parallel converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com