Electronic Components Datasheet Search
  English  ▼

X  

TAS5010 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5010
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS 5010 DIGITAL AUDIO PWM PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5010 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5010 Datasheet HTML 1Page - Texas Instruments TAS5010 Datasheet HTML 2Page - Texas Instruments TAS5010 Datasheet HTML 3Page - Texas Instruments TAS5010 Datasheet HTML 4Page - Texas Instruments TAS5010 Datasheet HTML 5Page - Texas Instruments TAS5010 Datasheet HTML 6Page - Texas Instruments TAS5010 Datasheet HTML 7Page - Texas Instruments TAS5010 Datasheet HTML 8Page - Texas Instruments TAS5010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TAS5010
SLAS328 − SEPTEMBER 2001
TRUE DIGITAL AUDIO AMPLIFIER
TAS5010 DIGITAL AUDIO PWM PROCESSOR
1
www.ti.com
FEATURES
D TAS5010 + TAS5100 TDAA System − High
Quality Digital Audio Amplification
D 96-dB Dynamic Range (TAS5010 Device)
D 93-dB Dynamic Range (TAS5010 & TAS5100
System Measured at Speaker Terminals)
D THD+N < 0.08% (1 kHz, 1 to 30W RMS into 6 Ω)
D Power Efficiency Is 90% Into 8-Ω Load
D 16-, 20-, or 24-Bit Input Data
D 44.1-kHz, 48-kHz, 88.2-kHz, 96-kHz, 176.4-kHz,
192-kHz Sampling Rates
D Economical 48-Pin TQFP Package
D Lower-Jitter Internal PLL
D 3.3-V Power Supply
D Mute
D Clicks and Pops Reduction (Patent Pending)
APPLICATIONS
D DVD-Audio
D Home Theater
D Car Audio Amplifiers and Head Units
D Internet Music Appliance
D Mini/Micro Component Systems
DESCRIPTION
The true digital audio amplifier (TDAA) is a new
paradigm in digital audio. One TDAA system consists of
the TAS5010 PCM-PWM modulator device + a
TAS5100 PWM power output device. This system
accepts a serial PCM digital audio stream and converts
it to a 3.3-V PWM audio stream (TAS5010). The
TAS5100 device then provides a large-signal PWM
output. This digital PWM signal is then demodulated
providing power output for driving loudspeakers. This
patented technology provides low-cost, high-quality,
high- efficiency digital audio applicable to many audio
systems developed for the digital age. The TAS5010 is
an innovative, cost-effective, high-performance 24-bit
stereo PCM-PWM modulator based on Equibit
technology. It has a wide variety of serial input options
including right-justified (16, 20, or 24 bits), IIS (16, 20,
or 24 bits), left-justified (16 bits), or DSP (16 bits) data
formats. It is fully compatible with AES standard
sampling rates of 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
176.4 kHz, and 192 kHz. The TAS5010 also provides a
de-emphasis
function
for
44.1-kHz
and
48-kHz
sampling rates.
TAS5010
TAS5100
Left
• Volume
• EQ
• DRC
• Bass
• Treble
• Serial Audio Input Port
• Internal PLL
• Equibit Modulator
• Up to 192-kHz Sampling
• TAS3001
• DSP
• S/PDIF
• 1394
Digital Audio
• H-Bridges
Power Devices
TAS5100
Right
L-C
Filter
L-C
Filter
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Equibit is a trademark of Toccata Technology ApS, Denmark.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TAS5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5010 TI-TAS5010 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5010IPFB TI-TAS5010IPFB Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5010IPFB TI-TAS5010IPFB Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010IPFBR TI-TAS5010IPFBR Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010IPFBRG4 TI-TAS5010IPFBRG4 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results

Similar Description - TAS5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5010 TI-TAS5010 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015 Datasheet
240Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_15 Datasheet
232Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS 5012 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com