Electronic Components Datasheet Search
  English  ▼

X  

TAS5010 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5010
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS 5010 DIGITAL AUDIO PWM PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5010 Datasheet HTML 7Page - Texas Instruments TAS5010 Datasheet HTML 8Page - Texas Instruments TAS5010 Datasheet HTML 9Page - Texas Instruments TAS5010 Datasheet HTML 10Page - Texas Instruments TAS5010 Datasheet HTML 11Page - Texas Instruments TAS5010 Datasheet HTML 12Page - Texas Instruments TAS5010 Datasheet HTML 13Page - Texas Instruments TAS5010 Datasheet HTML 14Page - Texas Instruments TAS5010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TAS5010
SLAS328 − SEPTEMBER 2001
11
www.ti.com
functional description (continued)
MSB left-justified serial interface format (for 16 bits)
MSB
LSB
MSB
LSB
SCLK
LRCLK = fs
SDIN
Left Channel
Right Channel
Figure 9. MSB Left-Justified Serial Interface Format
Note the following characteristics of this protocol:
−
Left channel is received when LRCLK is high.
−
Right channel is received when LRCLK is low.
−
SDIN is sampled at the rising edge of SCLK.
DSP compatible serial interface format (for 16 bits)
SCLK
LRCLK = fs
SDIN
Left Channel
(MSB = 15)
Right Channel
(MSB = 15)
15
14
13
0
15
14
13
0
Figure 10. DSP Compatible Serial Interface Format
Note the following characteristics of this protocol:
−
Serial data is sampled with the falling edge of SCLK.
PWM Outputs
Designed to be used with the TAS5100 family of H-Bridges, the PWM outputs provide differential 3.3 V
square-wave signals. During normal operation these outputs represent the input PCM audio in the pulse-width
modulation scheme. In the hard-mute state the P outputs (PWM_AP_L and PWM_AP_R) are held low and the
M outputs (PWM_AM_L and PWM_AM_R) are held high. In the quiet-mute state the differential PWM outputs
have a 50% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com