Electronic Components Datasheet Search
  English  ▼

X  

M35072 Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor

Part # M35072
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35072 Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Back Button M35072 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
MITSUBISHI MICROCOMPUTERS
M35072-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
15
(8) Address 12716
RR
RG
RB
FR
FG
FB
TEST6
TEST7
TEST8
BETA14
HSZ10
TEST11
HSZ20
TEST12
MODE0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
(Note 3)
Remarks
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
Sets the raster color of all blankings.
Sets the blanking color of the Border
size, or the shadow size.
Character size setting in the horizontal
direction for the first line.
T : Display frequency cycle
Character size setting in the horizontal
direction for the 2nd line to 12th line.
T : Display frequency cycle
Sets the display mode for when 2 pages
are displayed at the same time. See
“DISPLAY FORM 2”.
MODE1(address12816) .
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Matrix-outline display (12
× 18 dot)
Matrix-outline display (14
× 18 dot)
RB
0
0
0
0
1
1
1
1
RG
0
0
1
1
0
0
1
1
RR
0
1
0
1
0
1
0
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
FB
0
0
0
0
1
1
1
1
FG
0
0
1
1
0
0
1
1
FR
0
1
0
1
0
1
0
1
HSZ10
0
1
Horizontal direction size
1T/dot
2T/dot
MODE1
0
0
1
1
MODE0
0
1
0
1
Display mode
Standard.
AND
EXOR
OR
HSZ20
0
1
Horizontal direction size
1T/dot
2T/dot
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com