Electronic Components Datasheet Search
  English  ▼

X  

M35072 Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M35072
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35072 Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M35072 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
MITSUBISHI MICROCOMPUTERS
M35072-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
24
Fig. 10 Example of the M35072-XXXFP peripheral circuit (At EXCK1 = “1”, EXCK0 = “1”)
Note. CPOUT pin can be opened when use only EXCK1 = “0” and EXCK0 = “0”.
Synchronous signal
generator
Microcomputer
External clock
1.0k
Ω(Note 1)
0.01
µF(Note 2)
47PF(Note 2)
1
µF
100 ˚F
1 ˚F
0.01 ˚F
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT
VSS2
AC
CS
SCK
SIN
TCK
VDD1
P6
P7
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
Horozontal synchronous signal (5V)
Vertical synchronous signal (5V)
+5V
+5V
BLNK0
R
G
B
Mixing
video pre-amp
+
–
+
–
100 ˚F
1 ˚F
0.01 ˚F
–
+
Note 1 : Use this 1% precision element
Note 2 : Use this 10% precision element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com