Electronic Components Datasheet Search
  English  ▼

X  

NJU3552 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU3552
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3552 Datasheet(HTML) 3 Page - New Japan Radio

  NJU3552 Datasheet HTML 1Page - New Japan Radio NJU3552 Datasheet HTML 2Page - New Japan Radio NJU3552 Datasheet HTML 3Page - New Japan Radio NJU3552 Datasheet HTML 4Page - New Japan Radio NJU3552 Datasheet HTML 5Page - New Japan Radio NJU3552 Datasheet HTML 6Page - New Japan Radio NJU3552 Datasheet HTML 7Page - New Japan Radio NJU3552 Datasheet HTML 8Page - New Japan Radio NJU3552 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NJU3552
- 3 -
s TERMINAL DESCRIPTION IN OTP PROGRAMMING MODE
No.
SYMBOL
INPUT/OUTPUT
F U N C T I O N
13
RESET
INPUT
RESET terminal.
When the low-level input-signal, the system is initialized.
2 - 4,
7,
15 - 17,
21
D0 - D7
INPUT/OUTPUT Data bus
22,
CNT1
INPUT
23
CNT2
INPUT
OTP control input terminal
11
REQ
OUTPUT
Request output terminal
10
CLK
INPUT
Clock input terminal
9
PROM
INPUT
OTP programming enable terminal
24
VDD
-
Power Source (5V)
12
VSS
-
Power Source (0V)
Note 1)
Use at VDD=5V in OTP programming mode.
2)
Non connect anything to the other terminals.
s Difference between NJU3552 (OTP version) and NJU3502 (MASK version)
q
Operating mode
NJU3552 has two operating modes.
One is ”Normal operating mode” and the other is “OTP programming
mode”.
•
Normal operating mode
The ”TEST” terminal is set to low level. (The terminal is recommended to connect to GND.)
Operating voltage range; 2.7V ~ 5.5V.
•
OTP Programming mode
User program is read out from or written into the OTP by the universal programmer “SUPERPRO/L” and
converting adapter made by XELTEK co,.(USA).
q
Option information set in the initialization
When the initialization is performed(RESET terminal is “L”), the operation information stored in option area is
set as shown in the following timing chart .
The option information is set in the term of 1 / fOSC x 256clock after
RESET releasing and oscillation stability time.
After information set, the program counter is set to 0000H and
the NJU3552 operates in normal.
[ TIMING CHART ]
Option information setting
1/fOSCx256clock
Oscillator
Clock
RESET
Normal
Operation
Oscillation
Stability
Time
Oscillation
Start
PC=0000H
fOSC=4MHz
about 64
µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com