Electronic Components Datasheet Search
  English  ▼

X  

NJU3552 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU3552
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3552 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU3552 Datasheet HTML 3Page - New Japan Radio NJU3552 Datasheet HTML 4Page - New Japan Radio NJU3552 Datasheet HTML 5Page - New Japan Radio NJU3552 Datasheet HTML 6Page - New Japan Radio NJU3552 Datasheet HTML 7Page - New Japan Radio NJU3552 Datasheet HTML 8Page - New Japan Radio NJU3552 Datasheet HTML 9Page - New Japan Radio NJU3552 Datasheet HTML 10Page - New Japan Radio NJU3552 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NJU3552
- 7 -
s ELECTRICAL CHARACTERISTICS
AC CHARACTERISTICS
1
(VSS=0V, Ta= -20~75
°C)
PARAMETER
SYM
BOL
C O N D I T I O N S
MIN
TYP
MAX
UNIT
X’tal Resonator
0.03
2.0
Ceramic Resonator
0.03
2.0
External Resistor
Oscillation
0.03
1.0
VDD=2.7~3.6V
External Clock
0.03
2.0
X’tal Resonator
0.03
4.0
Ceramic Resonator
0.03
4.0
External Resistor
Oscillation
0.03
2.0
Operating
Frequency
fOSC
VDD=3.6~5.5V
External Clock
0.03
4.0
MHz
Instruction Cycle
Time
tC
6/fOSC
s
VDD=2.7~3.6V
250
16600
External Clock
Pulse Width
tCPH
tCPL
VDD=3.6~5.5V
125
16600
ns
External Clock
Rise Time
Fall Time
tCPR
tCPF
VDD=2.7~5.5V
20
ns
RESET Low-Level
Width
tRST
VDD=2.7~5.5V
4/fOSC
s
RESET Rise Time
tRSR
VDD=2.7~5.5V
20
ms
Port Input Level
Width
tPIN
VDD=2.7~5.5V
6/fOSC
s
Edge Detection (PD1)
Rise Time
Fall Time
tEDR
tEDF
VDD=2.7~5.5V
200
ns
Restart Signal (PD0)
Rise Time
tSTR
VDD=2.7~5.5V
200
ns
External interrupt
input (EXTI)
Rise Time
tEXR
VDD=2.7~5.5V
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com