Electronic Components Datasheet Search
  English  ▼

X  

SY89425JC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89425JC
Description  DUAL SONET OC-12 CLOCK SYNTHESIZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89425JC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89425JC Datasheet HTML 1Page - Micrel Semiconductor SY89425JC Datasheet HTML 2Page - Micrel Semiconductor SY89425JC Datasheet HTML 3Page - Micrel Semiconductor SY89425JC Datasheet HTML 4Page - Micrel Semiconductor SY89425JC Datasheet HTML 5Page - Micrel Semiconductor SY89425JC Datasheet HTML 6Page - Micrel Semiconductor SY89425JC Datasheet HTML 7Page - Micrel Semiconductor SY89425JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ClockWorks™
SY89425
Micrel
FUNCTIONAL BLOCK DIAGRAM
VCCA
GND
FLTRAP/N
VCCOA
23
Φ/f
CHG
PUMP
622MHz
VCO
Φ/f
CHG
PUMP
622MHz
VCO
FEEDBACK
DIVIDER
(8/12/16)
PLL A
PLL B
VCCB
GND
FLTRBP/N
VCCOB
32
RFCKA (TTL)
SEL39A (TTL)
RFCKB (TTL)
SEL78A (TTL)
SEL78B (TTL)
SEL39B (TTL)
RSTA (TTL)
CK622AP
CK622AN
(PECL)
CK622BP
CK622BN
(PECL)
RSTB (TTL)
FEEDBACK
DIVIDER
(8/12/16)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com