Electronic Components Datasheet Search
  English  ▼

X  

SY89425JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89425JC
Description  DUAL SONET OC-12 CLOCK SYNTHESIZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89425JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89425JC Datasheet HTML 1Page - Micrel Semiconductor SY89425JC Datasheet HTML 2Page - Micrel Semiconductor SY89425JC Datasheet HTML 3Page - Micrel Semiconductor SY89425JC Datasheet HTML 4Page - Micrel Semiconductor SY89425JC Datasheet HTML 5Page - Micrel Semiconductor SY89425JC Datasheet HTML 6Page - Micrel Semiconductor SY89425JC Datasheet HTML 7Page - Micrel Semiconductor SY89425JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ClockWorks™
SY89425
Micrel
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IEE
Internal Operating Current
—
157
204
mA
Both PLLs powered
IOUT
Termination Output Current
—
11
—
mA
50
Ω to Vcc -2, 50% duty cycle
DC ELECTRICAL CHARACTERISTICS — TTL
VCCA = VCCB = VCCOA =VCCOB = +5V
± 5%; GND = 0V; TA = 0°C to 85°C
DC ELECTRICAL CHARACTERISTICS(1), (2), (3)
NOTES:
1. To calculate total power supply current into the VCC pins: ICC = (n * IOUT); where n = number of ECL output pins used (ie, terminated).
2. To calculate total device power dissipation; PD = [IEE * (VCC - VEE)] + [n * IOUT * 1.33](3).
3. Average ECL output voltage is calculated as VOAVG = (VOH(MAX) + VOH(MIN) + VOL(MAX) + VOL(MIN)) /4 = 1.33V.
VCCA = VCCB = VCCOA =VCCOB = +5V
± 5%; GND = 0V; TA = 0°C to 85°C
Symbol
Parameter
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
2.4
—
VIOH = –2mA
VOL
Output LOW Voltage
—
0.5
V
IOL = 4mA
IOS
Output Short Circuit Current
–150
–60
mA
VOUT = 0V
VIH
Input HIGH Voltage
2.0
——
—
VIL
Input LOW Voltage
—
0.8
V
—
TTL DC ELECTRICAL CHARACTERISTICS
PECL DC ELECTRICAL CHARACTERISTIC(1), (2)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC -1130
VCC -840
VCC -1070
VCC -790
VCC -1030
VCC -760
VCC -960
VCC -670
mV
VOL
Output LOW Voltage
VCC -2000 VCC -1600 VCC -2000
VCC -1580 VCC -2000 VCC -1580 VCC -2000 VCC -1545
mV
VIH
Input HIGH Voltage(1)
VCC -1230
VCC -890
VCC -1170
VCC -840
VCC -1130
VCC -810
VCC -1060
VCC -720
mV
VIL
Input LOW Voltage(1)
VCC -1950 VCC -1500 VCC -1950
VCC -1480 VCC -1950 VCC -1480 VCC -1950 VCC -1445
mV
IIL
Input LOW Current
0.5
—
0.5
—
0.5
—
0.3
—
µA
VCCA = VCCB = VCCOA =VCCOB = +5V
± 5%; GND = 0V; TA = 0°C to 85°C
NOTES:
1. Forcing one input at a time. Apply VIH (Max) or VIL (Min) to all other inputs.
2. Airflow greater than 500lfpm is maintained.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com