Electronic Components Datasheet Search
  English  ▼

X  

SY89430 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89430
Description  5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89430 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89430 Datasheet HTML 1Page - Micrel Semiconductor SY89430 Datasheet HTML 2Page - Micrel Semiconductor SY89430 Datasheet HTML 3Page - Micrel Semiconductor SY89430 Datasheet HTML 4Page - Micrel Semiconductor SY89430 Datasheet HTML 5Page - Micrel Semiconductor SY89430 Datasheet HTML 6Page - Micrel Semiconductor SY89430 Datasheet HTML 7Page - Micrel Semiconductor SY89430 Datasheet HTML 8Page - Micrel Semiconductor SY89430 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ClockWorks™
SY89430V
Micrel
PROGRAMMING INTERFACE
Programming the device is accomplished by properly
configuring the internal dividers to produce the desired
frequency at the outputs. The output frequency can be
represented by this formula:
Where FXTAL is the crystal frequency, M is the loop divider
modulus, and N is the output divider modulus. Note that it is
possible to select values of M such that the PLL is unable to
achieve loop lock. To avoid this, always make sure that M is
selected to be 200
≤ M ≤ 510 for a 16MHz input reference.
M[8:0] and N[1:0] are normally specified once at power-on,
through the parallel interface, and then possibly again through
the serial interface. This approach allows the designer to bring
up the application at one frequency and then change or fine-
tune the clock, as the ability to control the serial interface
becomes available. To minimize transients in the frequency
domain, the output should be varied in the smallest step size
possible.
The TEST output provides visibility for one of several
internal nodes (as determined by the T[1:0] bits in the serial
configuration stream). It is not configurable through the parallel
interface. Although it is possible to select the node that
represents FOUT, the TTL output may not be able to toggle
fast enough for some of the higher output frequencies. The T2,
T1, T0 configuration latches are preset to 000 when P_LOAD
is low, so that the FOUT outputs are as jitter-free as possible.
The serial configuration port can be used to select one of the
alternate functions for this pin.
The Test register is loaded with the first three bits, the N
register with the next two and the M register with the final eight
bits of the data stream on the S_DATA input. For each register
the most significant bit is loaded first (T2, N1 and M8).
When T[2:0] is set to 100 the SY89430V is placed in PLL
bypass mode. In this mode the S_CLOCK input is fed directly
into the M and N dividers. The N divider drives the FOUT
differential pair and the M counter drives the TEST output pin.
In this mode the S_CLOCK input could be used for low speed
board level functional test or debug. Bypassing the PLL and
driving FOUT directly gives the user more control on the test
clocks sent through the clock tree (See detailed Block Diagram).
Because the S_CLOCK is a TTL level the input frequency is
limited to 250MHz or less. This means the fastest the FOUT
pin can be toggled via the S_CLOCK is 125MHz as the
minimum divide ratio of the N counter is 2. Note that the M
counter output on the TEST output will not be a 50% duty cycle
due to the way the divider is implemented.
First
Bit
Last
Bit
T2
T1
T0
TEST
FOUT / FOUT
0
0
0
Data Out – Last Bit SR
FVCO
÷ N
0
0
1
HIGH
FVCO
÷ N
0
1
0
FREF
FVCO
÷ N
0
1
1
M Counter Output
FVCO
÷ N
1
0
0
FOUT
FVCO
÷ N
1
0
1
LOW
FVCO
÷ N
110
S_CLOCK
÷ MS_CLOCK ÷ N
1
1
1
FOUT
÷ 4
FVCO
÷ N
FOUT = (
) x
FXTAL
8
M
N
M,N
S_CLOCK
S_DATA
S_LOAD
P_LOAD
M[8:0]
N[1:0]
T2
T1
T0
N1
N0
M8
M7
M6
M5
M4
M3
M2
M1
M0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com