Electronic Components Datasheet Search
  English  ▼

X  

24FC65 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24FC65
Description  64K 5.0V 1 MHz I 2 C Smart Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC65 Datasheet(HTML) 1 Page - Microchip Technology

  24FC65 Datasheet HTML 1Page - Microchip Technology 24FC65 Datasheet HTML 2Page - Microchip Technology 24FC65 Datasheet HTML 3Page - Microchip Technology 24FC65 Datasheet HTML 4Page - Microchip Technology 24FC65 Datasheet HTML 5Page - Microchip Technology 24FC65 Datasheet HTML 6Page - Microchip Technology 24FC65 Datasheet HTML 7Page - Microchip Technology 24FC65 Datasheet HTML 8Page - Microchip Technology 24FC65 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 1996 Microchip Technology Inc.
DS21125B-page 1
FEATURES
• Voltage operating range: 4.5V to 5.5V
- Maximum write current 3 mA at 5.5V
- Maximum read current 150
µA at 5.5V
- Standby current 1
µA typical
• 1 MHz SE2.bus two wire protocol
• Up to eight devices may be connected to the
same bus for up to 512K bits total memory
• Programmable block security options
• Programmable endurance options
• Schmitt trigger inputs for noise suppression
• Self-timed ERASE and WRITE cycles
• Power on/off data protection circuitry
• Endurance:
- 10,000,000 E/W cycles guaranteed for a 4K
block
- 1,000,000 E/W cycles guaranteed for a 60K
block
• Variable page size up to 64 bytes
• 8 byte x 8 line input cache (64 bytes)
for fast write loads
• <3 ms typical write cycle time, byte or page
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP/SOIC packages
• Temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24FC65 is a “smart”
8K 8x 8 Serial Electrically Erasable PROM (EEPROM)
with a high-speed 1MHz SE2.bus whose protocol is
functionally equivalent to the industry-standard I2C bus.
This device has been developed for advanced applica-
tions such as personal communications, and provides
the systems designer with flexibility through the use of
many new user-programmable features. The 24FC65
offers a relocatable 4K-bit block of ultra-high-endurance
memory for data that changes frequently. The remain-
der of the array, or 60K bits, is rated at 1,000,000
ERASE/WRITE (E/W) cycles guaranteed. The 24FC65
features an input cache for fast write loads with a
capacity of eight pages, or 64 bytes. This device also
features programmable security options for E/W pro-
- Commercial (C):
0
°C to +70°C
- Industrial (I):
-40
°C to +85°C
tection of critical data and/or code of up to fifteen 4K
blocks. Functional address lines allow the connection of
up to eight 24FC65's on the same bus for up to 512K bits
contiguous EEPROM memory. The 24FC65 is available
in the standard 8-pin plastic DIP and 8-pin surface
mount SOIC package.
24FC65
64K 5.0V 1 MHz I2CSmart SerialEEPROM
PACKAGE TYPES
BLOCK DIAGRAM
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
PDIP
SOIC
A0..A2
I/O
CONTROL
LOGIC
I/O
SDA
SCL
Vcc
Vss
MEMORY
CONTROL
LOGIC
XDEC
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
CACHE
SENSE AMP
R/W CONTROL
I2C is a trademark of Philips Corporation.
Smart Serial is a trademark of Microchip Technology Inc.
This document was created with FrameMaker404


Similar Part No. - 24FC65

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC65-/P MICROCHIP-24FC65-/P Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24FC65-/SM MICROCHIP-24FC65-/SM Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24FC65-I/P MICROCHIP-24FC65-I/P Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24FC65-I/SM MICROCHIP-24FC65-I/SM Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24FC65T-/P MICROCHIP-24FC65T-/P Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
More results

Similar Description - 24FC65

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA65 MICROCHIP-24AA65 Datasheet
105Kb / 12P
64K 1.8V I 2 C O Smart Serial O EEPROM
1996
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24FC32 MICROCHIP-24FC32 Datasheet
99Kb / 12P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24LC65 MICROCHIP-24LC65 Datasheet
106Kb / 12P
64K 2.5V I 2 C Smart Serial EEPROM
2003
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
4K 5.0V I 2 C ??Serial EEPROM
2004
24FC65 MICROCHIP-24FC65_04 Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com