Electronic Components Datasheet Search
  English  ▼

X  

24FC65 Datasheet(PDF) 15 Page - Microchip Technology

Part # 24FC65
Description  64K 5.0V 1 MHz I 2 C Smart Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC65 Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24FC65 Datasheet HTML 8Page - Microchip Technology 24FC65 Datasheet HTML 9Page - Microchip Technology 24FC65 Datasheet HTML 10Page - Microchip Technology 24FC65 Datasheet HTML 11Page - Microchip Technology 24FC65 Datasheet HTML 12Page - Microchip Technology 24FC65 Datasheet HTML 13Page - Microchip Technology 24FC65 Datasheet HTML 14Page - Microchip Technology 24FC65 Datasheet HTML 15Page - Microchip Technology 24FC65 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
24FC65
© 1996 Microchip Technology Inc.
DS21125B-page 15
24FC65 Product Identification System
To order or to obtain information (e.g., on pricing or delivery), please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
P = Plastic DIP (300 mil Body)
SM = Plastic SOIC (207 mil Body, EIAJ standard)
Temperature
Blank = 0
°C to +70°C
Range:
I = -40
°C to +85°C
Device:
24FC65
64K, 1MHz I2C Serial EEPROM
24FC65T
64K, 1MHz I2C Serial EEPROM (Tape & Reel)
24FC65 –/P
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com