Electronic Components Datasheet Search
  English  ▼

X  

24LCS52 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LCS52
Description  2K 2.5V I 2 C Serial EEPROM with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS52 Datasheet(HTML) 1 Page - Microchip Technology

  24LCS52 Datasheet HTML 1Page - Microchip Technology 24LCS52 Datasheet HTML 2Page - Microchip Technology 24LCS52 Datasheet HTML 3Page - Microchip Technology 24LCS52 Datasheet HTML 4Page - Microchip Technology 24LCS52 Datasheet HTML 5Page - Microchip Technology 24LCS52 Datasheet HTML 6Page - Microchip Technology 24LCS52 Datasheet HTML 7Page - Microchip Technology 24LCS52 Datasheet HTML 8Page - Microchip Technology 24LCS52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21166B-page 1
FEATURES
• Single supply with operation down to 2.5V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
-5
µA standby current typical at 3.0V
• Organized as a single block of 256 bytes (256 x 8)
• Software write protection for lower 128 bytes
• Hardware write protection for entire array
• 2-wire serial interface bus, I2C
™ compatible
• 100kHz (2.5V) and 400kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 16 bytes
• 3.5 ms typical write cycle time for page-write
• 10,000,000 erase/write cycles guaranteed
• ESD protection >4,000V
• Data retention > 200 years
• 8-pin DIP, SOIC or TSSOP packages
• Available for extended temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24LCS52 is a 2K bit
Electrically Erasable PROM capable of operation
across a broad voltage range (2.5V to 5.5V). This
device has a software write protect feature for the lower
half of the array, as well as an external pin that can be
used to write protect the entire array. The software write
protect feature is enabled by sending the device a spe-
cial command, and once this feature has been enabled,
it cannot be reversed. In addition to the software pro-
tect feature, there is a WP pin that can be used to write
protect the entire array, regardless of whether the soft-
ware write protect register has been written or not. This
allows the system designer to protect none, half or all of
the array, depending on the application. The device is
organized as a single block of 256 x 8-bit memory with
a 2-wire serial interface. Low voltage design permits
operation down to 2.5 volts with typical standby and
active currents of only 5
µA and 1 mA respectively. The
device has a page-write capability for up to 16 bytes of
data. The device is available in the standard 8-pin DIP,
8-pin SOIC and TSSOP packages.
- Commercial (C):
0
°C to +70°C
- Industrial (I):
-40
°C to +85°C
PACKAGE TYPES
BLOCK DIAGRAM
PDIP/SOIC
TSSOP
A0
A1
A2
Vss
Vcc
WP
SCL
SDA
1
2
3
4
8
7
6
5
Vcc
WP
SCL
SDA
A0
A1
A2
Vss
1
2
3
4
8
7
6
5
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
Standard
Array
Software write
Write Protect
Circuitry
YDEC
Vcc
Vss
SENSE AMP
R/W CONTROL
SDA SCL
A0 A1 A2
WP
protected area
(00h-7Fh)
24LCS52
2K 2.5V I2C™ Serial EEPROM with Software Write Protect
I2C is a trademark of Philips Corporation.
This document was created with FrameMaker404


Similar Part No. - 24LCS52

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS52 MICROCHIP-24LCS52 Datasheet
328Kb / 22P
2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
24LCS52 MICROCHIP-24LCS52 Datasheet
822Kb / 36P
EEPROM with Software Write-Protect
08/02/11
24LCS52-/MC MICROCHIP-24LCS52-/MC Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/MCG MICROCHIP-24LCS52-/MCG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/MS MICROCHIP-24LCS52-/MS Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
More results

Similar Description - 24LCS52

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LCS56 MICROCHIP-93LCS56 Datasheet
133Kb / 12P
2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
24AA52 MICROCHIP-24AA52 Datasheet
328Kb / 22P
2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
93LCS56 MICROCHIP-93LCS56_04 Datasheet
182Kb / 14P
2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com