Electronic Components Datasheet Search
  English  ▼

X  

27C128 Datasheet(PDF) 3 Page - Microchip Technology

Part # 27C128
Description  128K (16K x 8) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C128 Datasheet(HTML) 3 Page - Microchip Technology

  27C128 Datasheet HTML 1Page - Microchip Technology 27C128 Datasheet HTML 2Page - Microchip Technology 27C128 Datasheet HTML 3Page - Microchip Technology 27C128 Datasheet HTML 4Page - Microchip Technology 27C128 Datasheet HTML 5Page - Microchip Technology 27C128 Datasheet HTML 6Page - Microchip Technology 27C128 Datasheet HTML 7Page - Microchip Technology 27C128 Datasheet HTML 8Page - Microchip Technology 27C128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11003K-page 3
27C128
TABLE 1-3:
READ OPERATION AC CHARACTERISTICS
FIGURE 1-1:
READ WAVEFORMS
AC Testing Waveform:
VIH = 2.4V and VIL = 0.45V; VOH = 2.0V VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise and Fall Times:
10 ns
Ambient Temperature:
Commercial:
Tamb =
0˚C to +70˚C
Industrial:
Tamb = -40˚C to +85˚C
Extended (Automotive):
Tamb = -40
°C to +125°C
Parameter
Sym
27C128-12 27C128-15 27C128-17 27C128-20 27C128-25
Units Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Address to Output Delay
tACC
—
120
—
150
—
170
—
200
—
250
ns
CE=OE=VIL
CE to Output Delay
tCE
—
120
—
150
—
170
—
200
—
250
ns
OE=VIL
OE to Output Delay
tOE
—
65
—
70
—
70
—
75
—
100
ns
CE=VIL
CE or OE to O/P High
Impedance
tOFF
050050
0
50
055
0
60
ns
Output Hold from
Address CE or OE,
whichever occurs first
tOH
0—0—
0—
0—
0—
ns
Address
CE
VIH
VIL
VIH
VIL
VIH
VIL
OE
Outputs
O0 - O7
VOH
VOL
Address Valid
tCE(2)
tOE(2)
High Z
Valid Output
tACC
(1) tOFF is specified for OE or CE, whichever occurs first
(2) OE may be delayed up to t CE - t OE after the falling edge of CE without impact on tCE
(3) This parameter is sampled and is not 100% tested.
High Z
tOH
tOFF(1,3)
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com