Electronic Components Datasheet Search
  English  ▼

X  

27C128 Datasheet(PDF) 5 Page - Microchip Technology

Part # 27C128
Description  128K (16K x 8) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C128 Datasheet(HTML) 5 Page - Microchip Technology

  27C128 Datasheet HTML 1Page - Microchip Technology 27C128 Datasheet HTML 2Page - Microchip Technology 27C128 Datasheet HTML 3Page - Microchip Technology 27C128 Datasheet HTML 4Page - Microchip Technology 27C128 Datasheet HTML 5Page - Microchip Technology 27C128 Datasheet HTML 6Page - Microchip Technology 27C128 Datasheet HTML 7Page - Microchip Technology 27C128 Datasheet HTML 8Page - Microchip Technology 27C128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11003K-page 5
27C128
FIGURE 1-2:
PROGRAMMING WAVEFORMS (1)
TABLE 1-6:
MODES
Operation Mode
CE
OE
PGM
VPP
A9
O0 - O7
Read
VIL
VIL
VIH
VCC
XDOUT
Program
VIL
VIH
VIL
VH
XDIN
Program Verify
VIL
VIL
VIH
VH
XDOUT
Program Inhibit
VIH
XX
VH
X
High Z
Standby
VIH
XX
VCC
X
High Z
Output Disable
VIL
VIH
VIH
VCC
X
High Z
Identity
VIL
VIL
VIH
VCC
VH
Identity Code
X = Don’t Care
VIH
VIL
VIH
VIL
13.0 V (3)
5.0 V
6.5 V (3)
5.0 V
VIH
VIL
VIH
VIL
VIH
VIL
Address
Data
VPP
VCC
CE
PGM
OE
Address Stable
tAH
tDS
tDH
tVPS
tDF
(2)
tAS
Program
Data In Stable
Data Out Valid
Verify
tVCS
The input timing reference is 0.8V for VIL and 2.0V for VIH.
tDF and tOE are characteristics of the device but must be accommodated by the programmer.
Vcc = 6.5V
±0.25V, VPP = VH = 13.0V ±0.25V for Express algorithm.
Notes:
(1)
(2)
(3)
tPW
tOPW
tOES
tOE
(2)
tCES
High Z
1.2
Read Mode
(See Timing Diagrams and AC Characteristics)
Read Mode is accessed when
a)
the CE pin is low to power up (enable) the chip
b)
the OE pin is low to gate the data to the output
pins
For Read operations, if the addresses are stable, the
address access time (tACC) is equal to the delay from
CE to output (tCE). Data is transferred to the output
after a delay from the falling edge of OE (tOE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com