Electronic Components Datasheet Search
  English  ▼

X  

28C64A Datasheet(PDF) 7 Page - Microchip Technology

Part # 28C64A
Description  64K (8K x 8) CMOS EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C64A Datasheet(HTML) 7 Page - Microchip Technology

  28C64A Datasheet HTML 1Page - Microchip Technology 28C64A Datasheet HTML 2Page - Microchip Technology 28C64A Datasheet HTML 3Page - Microchip Technology 28C64A Datasheet HTML 4Page - Microchip Technology 28C64A Datasheet HTML 5Page - Microchip Technology 28C64A Datasheet HTML 6Page - Microchip Technology 28C64A Datasheet HTML 7Page - Microchip Technology 28C64A Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
28C64A
© 1996 Microchip Technology Inc.
DS11109H-page 7
28C64A Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
L = Plastic Leaded Chip Carrier (PLCC)
P = Plastic DIP (600 mil)
SO = Plastic Small Outline IC (600 mil)
TS = Thin Small Outline Package (TSOP) 8x20mm
VS = Very Small Outline Package (VSOP) 8x13.4mm
Temperature
Blank = 0
°C to +70°C
Range:
I = -40
°C to +85°C
Access Time:
15
150 ns
20
200 ns
25
250 ns
Shipping:
Blank
Tube
T
Tape and Reel “L” and “SO”
Option:
Blank = twc = 1ms
F = twc = 200
µs
Device:
28C64A
8K x 8 CMOS EEPROM
28C64A
FT–15I/P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com