Electronic Components Datasheet Search
  English  ▼

X  

28C64A Datasheet(PDF) 1 Page - Microchip Technology

Part # 28C64A
Description  64K (8K x 8) CMOS EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C64A Datasheet(HTML) 1 Page - Microchip Technology

  28C64A Datasheet HTML 1Page - Microchip Technology 28C64A Datasheet HTML 2Page - Microchip Technology 28C64A Datasheet HTML 3Page - Microchip Technology 28C64A Datasheet HTML 4Page - Microchip Technology 28C64A Datasheet HTML 5Page - Microchip Technology 28C64A Datasheet HTML 6Page - Microchip Technology 28C64A Datasheet HTML 7Page - Microchip Technology 28C64A Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1996 Microchip Technology Inc.
DS11109H-page 1
FEATURES
• Fast Read Access Time—150 ns
• CMOS Technology for Low Power Dissipation
- 30 mA Active
- 100
µA Standby
• Fast Byte Write Time—200
µs or 1 ms
• Data Retention >200 years
• High Endurance - Minimum 100,000 Erase/Write
Cycles
• Automatic Write Operation
- Internal Control Timer
- Auto-Clear Before Write Operation
- On-Chip Address and Data Latches
• Data Polling
• Ready/Busy
• Chip Clear Operation
• Enhanced Data Protection
-VCC Detector
- Pulse Filter
- Write Inhibit
• Electronic Signature for Device Identification
• 5-Volt-Only Operation
• Organized 8Kx8 JEDEC Standard Pinout
- 28-pin Dual-In-Line Package
- 32-pin PLCC Package
- 28-pin Thin Small Outline Package (TSOP)
8x20mm
- 28-pin Very Small Outline Package (VSOP)
8x13.4mm
• Available for Extended Temperature Ranges:
- Commercial: 0˚C to +70˚C
DESCRIPTION
The Microchip Technology Inc. 28C64A is a CMOS 64K non-
volatile electrically Erasable PROM.
The 28C64A
is
accessed like a static RAM for the read or write cycles without
the need of external components. During a “byte write”, the
address and data are latched internally, freeing the micropro-
cessor address and data bus for other operations. Following
the initiation of write cycle, the device will go to a busy state
and automatically clear and write the latched data using an
internal control timer. To determine when the write cycle is
complete, the user has a choice of monitoring the Ready/
Busy output or using Data polling. The Ready/Busy pin is an
open drain output, which allows easy configuration in wired-
or systems. Alternatively, Data polling allows the user to read
the location last written to when the write operation is com-
plete. CMOS design and processing enables this part to be
used in systems where reduced power consumption and reli-
ability are required. A complete family of packages is offered
to provide the utmost flexibility in applications
PACKAGE TYPES
BLOCK DIAGRAM
A10
CE
21
20
19
VSS
I/O2
14
13
12
OE
A11
A9
A8
22
23
24
RDY/BSY
A12
A7
1
2
3
4
5
25
26
27
28
6
7
NC
WE
VCC
A6
A5
A4
A3
I/O7
I/O6
I/O5
I/O4
I/O3
I/O1
I/O0
A0
A1
A2
18
17
16
15
11
10
9
8
OE
A11
A9
A8
NC
WE
Vcc
RDY/BSY
A12
A7
A6
A5
A4
A3
A10
CE
I/07
I/06
I/05
I/04
I/03
Vss
I/02
I/01
I/00
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
• Pin 1 indicator on PLCC on top of package
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BSY
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
V
Vcc
WE
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
SS
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
I/O0
I/O7
Input/Output
Buffers
Chip Enable/
Output Enable
Control Logic
CE
OE
Data Protection
Circuitry
A12
Y Gating
16K bit
Cell Matrix
X
Decoder
Y
Decoder
A0
Data
Poll
Auto Erase/Write
Timing
VCC
VSS
WE
L
a
t
c
h
e
s
Program Voltage
Generation
Rdy/
Busy
28C64A
64K (8K x 8) CMOS EEPROM
This document was created with FrameMaker404


Similar Part No. - 28C64A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
28C64A-15 CATALYST-28C64A-15 Datasheet
238Kb / 8P
64K - BIT CMOS E2PROM
logo
Microchip Technology
28C64A-15/L MICROCHIP-28C64A-15/L Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28C64A-15/P MICROCHIP-28C64A-15/P Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28C64A-15/SO MICROCHIP-28C64A-15/SO Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28C64A-15I/L MICROCHIP-28C64A-15I/L Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
More results

Similar Description - 28C64A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
64K (8K x 8) CMOS E2PROM
logo
Microchip Technology
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
64K (8K x 8) Low Voltage CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
64K (8K x 8) Low Voltage CMOS EEPROM
2004
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com