Electronic Components Datasheet Search
  English  ▼

X  

MCP3204 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3204
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204 Datasheet(HTML) 4 Page - Microchip Technology

  MCP3204 Datasheet HTML 1Page - Microchip Technology MCP3204 Datasheet HTML 2Page - Microchip Technology MCP3204 Datasheet HTML 3Page - Microchip Technology MCP3204 Datasheet HTML 4Page - Microchip Technology MCP3204 Datasheet HTML 5Page - Microchip Technology MCP3204 Datasheet HTML 6Page - Microchip Technology MCP3204 Datasheet HTML 7Page - Microchip Technology MCP3204 Datasheet HTML 8Page - Microchip Technology MCP3204 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCP3204/3208
DS21298B-page 4
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 1-1:
Serial Interface Timing.
FIGURE 1-2:
Test Circuits.
CS
CLK
D
IN
MSB IN
t
SU
t
HD
t
SUCS
t
CSH
t
HI
t
LO
D
OUT
t
EN
t
DO
t
R
t
F
LSB
MSB OUT
t
DIS
NULL BIT
90%
10%
*
Waveform 1 is for an output with internal condi-
tions such that the output is high, unless dis-
abled by the output control.
† Waveform 2 is for an output with internal condi-
tions such that the output is low, unless disabled
by the output control.
Test Point
1.4V
D
OUT
Load circuit for t
R, tF
, tDO
3K
C
L = 100pF
Test Point
D
OUT
Load circuit for t
DIS and tEN
3K
100pF
t
DIS Waveform 2
t
DIS Waveform 1
CS
CLK
D
OUT
t
EN
12
B11
Voltage Waveforms for t
EN
t
EN Waveform
V
DD
V
DD/2
V
SS
3
4
D
OUT
t
R
Voltage Waveforms for t
R, tF
CLK
D
OUT
t
DO
Voltage Waveforms for t
DO
t
F
V
OH
V
OL
Voltage Waveforms for t
DIS
D
OUT
D
OUT
CS
V
IH
T
DIS
Waveform 1*
Waveform 2†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com