Electronic Components Datasheet Search
  English  ▼

X  

MCP3204 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP3204
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP3204 Datasheet HTML 4Page - Microchip Technology MCP3204 Datasheet HTML 5Page - Microchip Technology MCP3204 Datasheet HTML 6Page - Microchip Technology MCP3204 Datasheet HTML 7Page - Microchip Technology MCP3204 Datasheet HTML 8Page - Microchip Technology MCP3204 Datasheet HTML 9Page - Microchip Technology MCP3204 Datasheet HTML 10Page - Microchip Technology MCP3204 Datasheet HTML 11Page - Microchip Technology MCP3204 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MCP3204/3208
DS21298B-page 8
Preliminary
© 1999 Microchip Technology Inc.
Note: Unless otherwise indicated, V
DD = VREF = 5V, VSS = 0V, fSAMPLE = 100ksps, fCLK = 20* fSAMPLE,TA = 25°C
FIGURE 2-19: Gain Error vs. Temperature.
FIGURE 2-20: Signal to Noise (SNR) vs. Input
Frequency.
FIGURE 2-21: Total Harmonic Distortion (THD) vs.
Input Frequency.
FIGURE 2-22: Offset Error vs. Temperature.
FIGURE 2-23: Signal
to
Noise
and
Distortion
(SINAD) vs. Input Frequency.
FIGURE 2-24: Signal
to
Noise
and
Distortion
(SINAD) vs. Input Signal Level.
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
-50
-25
0
25
50
75
100
Temperature (°C)
V
DD = VREF = 5V
F
SAMPLE = 100ksps
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Input Frequency (kHz)
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
V
DD = VREF = 5V
F
SAMPLE = 100ksps
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
110
100
Input Frequency (kHz)
V
DD = VREF = 5V
F
SAMPLE = 100ksps
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
Temperature (°C)
V
DD = VREF = 5V
F
SAMPLE = 100ksps
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
1
10
100
Input Frequency (kHz)
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
V
DD = VREF = 5V
F
SAMPLE = 100ksps
0
10
20
30
40
50
60
70
80
-40
-35
-30
-25
-20
-15
-10
-5
0
Input Signal Level (dB)
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
V
DD = VREF = 5V
F
SAMPLE = 100ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com