Electronic Components Datasheet Search
  English  ▼

X  

3R2002RSW Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 3R2002RSW
Description  Resonant switchers, power factor correction and main converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

3R2002RSW Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  3R2002RSW Datasheet HTML 1Page - RUBYCON CORPORATION 3R2002RSW Datasheet HTML 2Page - RUBYCON CORPORATION 3R2002RSW Datasheet HTML 3Page - RUBYCON CORPORATION 3R2002RSW Datasheet HTML 4Page - RUBYCON CORPORATION 3R2002RSW Datasheet HTML 5Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
* Resonant switchers, power factor correction and main
  converter
* Power factor correction up to 0.99, meeting IEC61000
 -3-2(EN61000-3-2)
* 85 to 264VAC universal input
* High efficiency up to 90%
* Low EMI, meeting FCC B, CISPR B
UL1950 Recognized
CSA22.2 No.950 Certified (cUL)
EN60950 (TUV Certified)
CE mark (LVD only)
*Data/information processing equipment
*FA control equipment
*Measuring, inspection and testing equipment
*Communication equipment
*Optical equipment
RSW 100/150
RSW 200/300
459 5-41-5
FEATURES
SAFETY STANDARDS
APPLICATIONS
RSW SERIES GENERAL SPECIFICATIONS
1
Input voltage range
85V ∼ 264VAC
2
Input frequency range
47Hz ∼ 63Hz
3
Operating temperature
-10 ∼ 60℃ (Refer to Output derating)
4
Operating humidity
30 ∼ 90%RH (Non condensing)
5
Storage temperature
-30 ∼ 85℃
6
Storage humidity
10∼95%RH (Non condensing)
7
Cooling
Convection or forced air cooling (Refer to Output derating)
8
Electric strength voltages
Input - Output 3000VAC 1 minute , Input - FG 1500VAC 1 minute , Output - FG 500VAC 1 minute
9
Insulation resistance
100MΩ MIN DC500V 25℃ 70%RH
Input - Output, Input - FG, Output - FG
10 Leakage current
0.5mA MAX (240VAC, 50Hz)
11 Vibration
10 ∼ 55Hz 2G (3 directions each 1 hour)
12 Shock
20 ms 20G (3 directions each 3 times)
13 Safety standards
UL1950, CSA950(cUL), EN60950(TUV) Approvals
14 Conduction noise
Meeting FCC Class B, EN55022 Class B, VCCI Class B
15 Harmonic distortion
Meeting EN61000-3-2
16 Mains surge
Meeting EN61000-3-5 Level 3 / 4KV(CM), 2KV(DM)
ITEM


Similar Part No. - 3R2002RSW

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
3R2002RSW100F RUBYCON-3R2002RSW100F Datasheet
89Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RSW75F RUBYCON-3R2002RSW75F Datasheet
96Kb / 2P
Resonant switchers, power factor correction and main converter
More results

Similar Description - 3R2002RSW

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
RUBYCON CORPORATION
3R2002GSW75 RUBYCON-3R2002GSW75 Datasheet
105Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002GSW100 RUBYCON-3R2002GSW100 Datasheet
115Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002GSW150 RUBYCON-3R2002GSW150 Datasheet
118Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RDW RUBYCON-3R2002RDW Datasheet
891Kb / 3P
Resonant switchers, power factor correction and main converter
3R2002RSW75F RUBYCON-3R2002RSW75F Datasheet
96Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RSW100F RUBYCON-3R2002RSW100F Datasheet
89Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RTW RUBYCON-3R2002RTW Datasheet
198Kb / 4P
Resonant switchers, power factor correction and main converter
GSW200 RUBYCON-GSW200 Datasheet
124Kb / 2P
Resonant switchers, power factor correction and main converter
MSW150 RUBYCON-MSW150 Datasheet
122Kb / 2P
Resonant switchers, power factor correction and main converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com