Electronic Components Datasheet Search
  English  ▼

X  

3R2002RSW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 3R2002RSW
Description  Resonant switchers, power factor correction and main converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

3R2002RSW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  3R2002RSW Datasheet HTML 1Page - RUBYCON CORPORATION 3R2002RSW Datasheet HTML 2Page - RUBYCON CORPORATION 3R2002RSW Datasheet HTML 3Page - RUBYCON CORPORATION 3R2002RSW Datasheet HTML 4Page - RUBYCON CORPORATION 3R2002RSW Datasheet HTML 5Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
459 SPECIFICATIONS
459# SPECIFICATIONS
RSW100 SPECIFICATIONS
1
Rated output DC voltage
2
Rated output DC current
*5
3
Maximum output power
*5
4
Efficiency(120/230VAC,TYP)
*1
5
Input current
*1
6
Power factor
*1
7
Inrush current
*2
8
Adjustable voltage range
*1
9
Maximum ripple noise
10 Maximum line regulation
11 Maximum load regulation
12 Voltage tolerance ratio
13 Hold-up time
*1
14 Over current protection
*3
15 Over voltage protection
*4
16 Dimensions
17 Weight
5V
12V
24V
20A
8.4A
4.2A
100W
100.8W
100.8W
78% / 80%
84% / 85%
84% / 85%
1.6A (100VAC), 0.8A (240VAC)
0.99 TYP (100VAC), 0.95 TYP (230VAC)
19Apk MAX (120VAC), 36Apk MAX (240VAC)
4.9 ∼ 5.5V
11.7 ∼ 13.2V
23.5 ∼ 26.4V
50mVpp
120mVpp
240mVpp
±0.01%
±0.1%
±3%, at line, load, time, temperature
20ms MiN, after last AC line peak
21A ∼
8.8A ∼
4.4A ∼
5.75V ∼
13.8V ∼
27.6V ∼
96.2(W) 200(D) 50(H) mm / 3.79"(W) 7.87"(D) 1.97"(H)
750g / 1.65lb. TYP
ITEM
RSW100-5
RSW100-12
RSW100-24
RSW150-5
RSW150-12
RSW150-24
RSW150 SPECIFICATIONS
1
Rated output DC voltage
2
Rated output DC current
*5
3
Maximum output power
*5
4
Efficiency(120/230VAC,TYP)
*1
5
Input current
*1
6
Power factor
*1
7
Inrush current
*2
8
Adjustable voltage range
*1
9
Maximum ripple noise
10 Maximum line regulation
11 Maximum load regulation
12 Voltage tolerance ratio
13 Hold-up time
*1
14 Over current protection
*3
15 Over voltage protection
*4
16 Dimensions
17 Weight
5V
12V
24V
30A
12.5A
6.3A
150W
150W
151.2W
78% / 80%
85% / 86%
85% / 86%
2.4A (100VAC), 1.2A (240VAC)
0.99 TYP (100VAC), 0.95 TYP (230VAC)
19Apk MAX (120VAC), 36Apk MAX (240VAC)
4.9 ∼ 5.5V
11.7 ∼ 13.2V
23.5 ∼ 26.4V
50mVpp
120mVpp
240mVpp
±0.01%
±0.1%
±3% at line, load, time, temperature
20ms MiN, after last AC line peak
31.5A ∼
13.1A ∼
6.6A ∼
5.75V ∼
13.8V ∼
27.6V ∼
96.2(W) 200(D) 50(H) mm / 3.79"(W) 7.87"(D) 1.97"(H)
750g / 1.65lb. TYP
ITEM
NOTES
*1 When maximum output is worked
*2 When cold start works with rated voltage at 25℃ ambient temperature
*3 Recovers automatically within 3 seconds, after on input again
*4 Recovers on input again
*5 Open frame(without cover), refer to Output derating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com