Electronic Components Datasheet Search
  English  ▼

X  

PIC18F020 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC18F020
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F020 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC18F020 Datasheet HTML 69Page - Microchip Technology PIC18F020 Datasheet HTML 70Page - Microchip Technology PIC18F020 Datasheet HTML 71Page - Microchip Technology PIC18F020 Datasheet HTML 72Page - Microchip Technology PIC18F020 Datasheet HTML 73Page - Microchip Technology PIC18F020 Datasheet HTML 74Page - Microchip Technology PIC18F020 Datasheet HTML 75Page - Microchip Technology PIC18F020 Datasheet HTML 76Page - Microchip Technology PIC18F020 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 71
PIC18F010/020
TABLE 9-1:
PORTB FUNCTIONS
TABLE 9-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit#
Buffer
Function
RB0
bit0
TTL/ST(1)
Input/output port pin (with interrupt-on-change).
Internal software programmable weak pull-up. In-circuit serial
programming data.
RB1
bit1
TTL/ST(1)
Input/output port pin (with interrupt-on-change).
Internal software programmable weak pull-up. In-circuit serial
programming clock.
RB2/T0CKI/
INT0
bit2
TTL/ST(1)
Input/output port pin (with interrupt-on-change) or TMR0 clock input or
Interrupt 0 input. Internal software programmable weak pull-up.
RB3/MCLR/
VPP
bit3
TTL/ST(1)
Input/output (open drain) port pin (with interrupt-on-change) or Master
Clear External Reset input. Internal software programmable
weak pull-up.
RB4/OSC2/
CLKOUT
bit4
TTL/ST(1)
Input/output port pin (with interrupt-on-change) or oscillator connection, or
CLKOUT output. Internal software programmable weak pull-up.
RB5/OSC1/
CLKIN
bit5
TTL/ST(1)
Input/output port pin (with interrupt-on-change) or clock input, or oscillator
connection. Internal software programmable weak pull-up.
Legend:
TTL = TTL input, ST = Schmitt Trigger input
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
2: This buffer is a Schmitt Trigger input when used in Serial Programming mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
TRISB
—
—
RB5
RB4
RB3
RB2
RB1
RB0
--11 1111 --11 1111
PORTB
—
—
PORTB5 PORTB4
PORTB3
PORTB2 PORTB1
PORTB0 --xx xxxx --uu uuuu
LATB
—
—
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
--xx xxxx --uu uuuu
INTCON
GIE/GIEH PEIE/GIEL
T0IE
INT0E
RBIE
T0IF
INT0F
RBIF
0000 000x 0000 000u
INTCON2
RBPU
INTEG0
—
—
—
T0IP
—
RBIP
11-- -1-1 11-- -1-1
WPUB
—
—
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
--11 1111 --11 1111
IOCB
—
—
IOCB5
IOCB4
IOCB3
IOCB2
IOCB1
IOCB0
--00 0000 --00 0000
Legend: x = unknown, u = unchanged, - = unimplemented. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com