Electronic Components Datasheet Search
  English  ▼

X  

PIC18F020 Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC18F020
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F020 Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC18F020 Datasheet HTML 91Page - Microchip Technology PIC18F020 Datasheet HTML 92Page - Microchip Technology PIC18F020 Datasheet HTML 93Page - Microchip Technology PIC18F020 Datasheet HTML 94Page - Microchip Technology PIC18F020 Datasheet HTML 95Page - Microchip Technology PIC18F020 Datasheet HTML 96Page - Microchip Technology PIC18F020 Datasheet HTML 97Page - Microchip Technology PIC18F020 Datasheet HTML 98Page - Microchip Technology PIC18F020 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 93
PIC18F010/020
12.5
Program Verification/Code
Protection
If the code protection bit(s) have not been pro-
grammed, the on-chip program memory can be read
out for verification purposes.
12.6
ID Locations
Five memory locations (200000h - 200007h) are desig-
nated as ID locations, where the user can store check-
sum or other code identification numbers. These
locations are accessible during normal execution
through the TBLRD
instruction or during program/
verify. The ID locations can be read when the device is
code protected.
12.7
In-Circuit Serial Programming
PIC18F010/020 microcontrollers can be serially pro-
grammed while in the end application circuit. This is
simply done with two lines for clock and data, and two
other lines for power and ground. This allows custom-
ers to manufacture boards with unprogrammed
devices, and then program the microcontroller just
before shipping the product. This also allows the most
recent
firmware
or
a
custom
firmware
to
be
programmed.
Note:
Microchip Technology does not recom-
mend code protecting windowed devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com