Electronic Components Datasheet Search
  English  ▼

X  

LP2957A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2957A
Description  5V Low-Dropout Regulator for 關P Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2957A Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2957A Datasheet HTML 8Page - Texas Instruments LP2957A Datasheet HTML 9Page - Texas Instruments LP2957A Datasheet HTML 10Page - Texas Instruments LP2957A Datasheet HTML 11Page - Texas Instruments LP2957A Datasheet HTML 12Page - Texas Instruments LP2957A Datasheet HTML 13Page - Texas Instruments LP2957A Datasheet HTML 14Page - Texas Instruments LP2957A Datasheet HTML 15Page - Texas Instruments LP2957A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LP2957, LP2957A
SNVS102C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
SNAP-ON/SNAP-OFF OPERATION
The LP2957 output can be wired for snap-on/snap-off operation using three external resistors:
*Minimum value (increase as required for smooth turn-on characteristic).
Figure 32. Snap-On/Snap-Off Output
When connected as shown, the shutdown input holds the regulator off until the input voltage rises up to the turn-
on threshold (V ON), at which point the output “snaps on”.
When the input power is shut off (and the input voltage starts to decay) the output voltage will snap off when the
input voltage reaches the turn-off threshold, VOFF.
Figure 33. Snap-On/Snap-Off Input and Output Voltage Diagram
It is important to note that the voltage VOFF must always be lower than VON (the difference in these voltage levels
is called the hysteresis).
Hysteresis is required when using snap-on/snap-off output, with the minimum amount of hysteresis required for
a specific application being dependent on the source impedance of whatever is supplying VIN.
Caution: A type of low-frequency oscillation can occur if VON and VOFFare too close together (insufficient
hysteresis). When the output snaps on, the regulator must draw sufficient current to power the load and
charge up the output capacitor (in most cases, the regulator will briefly draw the maximum current allowed
by its internal limiter).
For this reason, it is best to assume the LP2957 may pull a peak current of about 600 mA from the source
(which is the listed maximum short-circuit load current of 530 mA plus the ground pin current of 70 mA).
This high peak current causes VIN to drop by an amount equal to the source impedance multiplied by the current.
If V IN drops below VOFF, the regulator will turn off and stop drawing current from the source. This will allow VIN to
rise back up above VON, and the cycle will start over. The regulator will stay in this oscillating mode and never
come into regulation.
HYSTERESIS IN TRANSFORMER-POWERED
APPLICATIONS:
If the unregulated DC input voltage to the regulator comes from a transformer, the required hysteresis is easily
measured by loading the source with a resistive load.
Figure 34. Transformer Powered Input Supply
12
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LP2957 LP2957A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com