Electronic Components Datasheet Search
  English  ▼

X  

LP2957A Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2957A
Description  5V Low-Dropout Regulator for 關P Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2957A Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2957A Datasheet HTML 10Page - Texas Instruments LP2957A Datasheet HTML 11Page - Texas Instruments LP2957A Datasheet HTML 12Page - Texas Instruments LP2957A Datasheet HTML 13Page - Texas Instruments LP2957A Datasheet HTML 14Page - Texas Instruments LP2957A Datasheet HTML 15Page - Texas Instruments LP2957A Datasheet HTML 16Page - Texas Instruments LP2957A Datasheet HTML 17Page - Texas Instruments LP2957A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LP2957, LP2957A
SNVS102C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
The simplest approach is to assume a value for R3. Best results will typically be obtained using values between
about 20 k
Ω and 100 kΩ (this keeps the current drain low, but also generates realistic values for the other
resistors).
There is no limit on the minimum value of R3, but current should be minimized as it generates power that drains
the source and does not power the load.
SUMMARY: TO SOLVE FOR R1, R2 AND R3:
1. Assume a value for either R1 or R3.
2. Solve for the other variable using the equation for R1 or R3.
3. Take the values for R1 and R3 and plug them back into either equation for R2 and solve for this value.
DESIGN EXAMPLE #1:
A 5V regulated output is to be powered from a transformer secondary which is rectified and filtered. The voltage
VIN is measured at zero current and maximum current (600 mA) to determine the minimum allowable hysteresis.
VIN is measured using an oscilloscope (both traces are shown on the same grid for clarity):
Figure 37. VIN VOLTAGE WAVEFORMS
The full-load voltage waveform from a transformer-powered supply will have ripple voltage as shown. The correct
point to measure is the lowest value of the waveform.
The 1.2V differential between no-load and full-load conditions means that at least 1.2V of hysteresis is required
for proper snap-on/snap-off operation (for this example, we will use 1.5V).
As a starting point, we will assume:
VOFF = 5.5V VON = V OFF + HYST = 5.5 + 1.5 = 7V R3 = 49.9k
Solving for R1:
(8)
Solving for R2:
(9)
14
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LP2957 LP2957A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com