Electronic Components Datasheet Search
  English  ▼

X  

LP3871 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3871
Description  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3871 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3871_15 Datasheet HTML 8Page - Texas Instruments LP3871_15 Datasheet HTML 9Page - Texas Instruments LP3871_15 Datasheet HTML 10Page - Texas Instruments LP3871_15 Datasheet HTML 11Page - Texas Instruments LP3871_15 Datasheet HTML 12Page - Texas Instruments LP3871_15 Datasheet HTML 13Page - Texas Instruments LP3871_15 Datasheet HTML 14Page - Texas Instruments LP3871_15 Datasheet HTML 15Page - Texas Instruments LP3871_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
0
0.2
0.4
0.6
0.8
LOAD CURRENT (A)
1
STABLE REGION
COUT > 10PF
.001
.01
0.1
1.0
10
LP3871, LP3874
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
www.ti.com
Typical Applications (continued)
8.2.1 Design Requirements
For LP3871 and LP3874 typical applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
2.5 V to 7 V
Output voltage
2.5 V
Output current
0.8 A
Output capacitor
10 µF
Input capacitor
10 µF
Output capacitor ESR range
100 m
Ω to 4 Ω
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
Like any low-dropout regulator, external capacitors are required to assure stability. These capacitors must be
correctly selected for proper performance.
•
Input Capacitor: An input capacitor of at least 10
μF is required. Ceramic, tantalum, or Electrolytic capacitors
may be used, and capacitance may be increased without limit.
•
Output Capacitor: An output capacitor is required for loop stability. It must be located less than 1 cm from the
device and connected directly to the output and ground pins using traces which have no other currents
flowing through them (see Layout Guidelines).
The minimum value of output capacitance that can be used for stable full-load operation is 10 µF, but it may be
increased without limit. The output capacitor must have an equivalent series resistance (ESR) value as shown in
the stable region of the curve (Figure 13). Tantalum capacitors are recommended for the output capacitor.
Figure 13. ESR Curve
8.2.2.2 Selecting a Capacitor
It is important to note that capacitance tolerance and variation with temperature must be taken into consideration
when selecting a capacitor so that the minimum required amount of capacitance is provided over the full
operating temperature range. In general, a good Tantalum capacitor will show very little capacitance variation
with temperature, but a ceramic may not be as good (depending on dielectric type). Aluminum electrolytics also
typically have large temperature variation of capacitance value.
Equally important to consider is a capacitor's ESR change with temperature: this is not an issue with ceramics,
as their ESR is extremely low. However, it is very important in Tantalum and aluminum electrolytic capacitors.
Both show increasing ESR at colder temperatures, but the increase in aluminum electrolytic capacitors is so
severe they may not be feasible for some applications (see Capacitor Characteristics).
12
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com