Electronic Components Datasheet Search
  English  ▼

X  

LP3871 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3871
Description  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3871 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3871_15 Datasheet HTML 10Page - Texas Instruments LP3871_15 Datasheet HTML 11Page - Texas Instruments LP3871_15 Datasheet HTML 12Page - Texas Instruments LP3871_15 Datasheet HTML 13Page - Texas Instruments LP3871_15 Datasheet HTML 14Page - Texas Instruments LP3871_15 Datasheet HTML 15Page - Texas Instruments LP3871_15 Datasheet HTML 16Page - Texas Instruments LP3871_15 Datasheet HTML 17Page - Texas Instruments LP3871_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LP3871, LP3874
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
www.ti.com
In applications where the load is switching at high speed, the output of the device may need RF isolation from
the load. It is recommended that some inductance be placed between the output capacitor and the load, and
good RF bypass capacitors be placed directly across the load.
PCB layout is also critical in high noise environments, since RFI/EMI is easily radiated directly into PC traces.
Noisy circuitry must be isolated from "clean" circuits where possible, and grounded through a separate path. At
MHz frequencies, ground planes begin to look inductive and RFI/EMI can cause ground bounce across the
ground plane.
In multi-layer PCB applications, care must be taken in layout so that noisy power and ground planes do not
radiate directly into adjacent layers which carry analog power and ground.
8.2.2.5 Output Noise
Noise is specified in two ways:
•
Spot Noise (or Output Noise Density): the RMS sum of all noise sources, measured at the regulator output, at
a specific frequency (measured with a 1-Hz bandwidth). This type of noise is usually plotted on a curve as a
function of frequency.
•
Total Output Noise (or Broad-Band Noise): the RMS sum of spot noise over a specified bandwidth, usually
several decades of frequencies.
Attention must be paid to the units of measurement. Spot noise is measured in units µV/
√Hz or nV/√Hz and total
output noise is measured in µVRMS.
The primary source of noise in low-dropout regulators is the internal reference. In CMOS regulators, noise has a
low frequency component and a high frequency component, which depend strongly on the silicon area and
quiescent current. Noise can be reduced in two ways: by increasing the transistor area or by increasing the
current drawn by the internal reference. Increasing the area will decrease the chance of fitting the die into a
smaller package. Increasing the current drawn by the internal reference increases the total supply current
(ground pin current). Using an optimized trade-off of ground pin current and die size, the LP3871 and LP3874
achieve low noise performance and low quiescent-current operation.
The total output noise specification for LP3871 and LP3874 devices is presented in Electrical Characteristics.
The output noise density at different frequencies is represented by a curve under Typical Characteristics.
14
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com