Electronic Components Datasheet Search
  English  ▼

X  

LP3873 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3873
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3873 Datasheet HTML 2Page - Texas Instruments LP3873 Datasheet HTML 3Page - Texas Instruments LP3873 Datasheet HTML 4Page - Texas Instruments LP3873 Datasheet HTML 5Page - Texas Instruments LP3873 Datasheet HTML 6Page - Texas Instruments LP3873 Datasheet HTML 7Page - Texas Instruments LP3873 Datasheet HTML 8Page - Texas Instruments LP3873 Datasheet HTML 9Page - Texas Instruments LP3873 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
-40
-20
0
20
40
60
80
100
125
JUNCTION TEMPERATURE (
oC)
0
0.5
1
1.5
2
2.5
3
JUNCTION TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 125
0
2
4
6
8
10
12
14
1.8
2.3
2.8
3.3
3.8
4.3
5.0
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
6
TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100 125
0.001
0.01
0.1
1
10
4.4
4.45
4.5
4.55
4.6
4.65
4.7
4.75
4.8
4.85
4.9
OUTPUT LOAD CURRENT (A)
125
oC
25
oC
-40
oC
0
0.5
1
1.5
2
2.5
3
0
1
2
LOAD CURRENT (A)
3
0
400
800
1200
200
600
1000
25
o
C
-40
o
C
12
5
o
C
LP3873, LP3876
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: TJ = 25°C, COUT = 10µF, CIN = 10µF, S/D pin is tied to VIN, VOUT = 2.5V, VIN = VO(NOM) + 1V, IL =
10mA
Ground Current
Dropout Voltage
vs
Vs
Output Load Current
Output Load Current
VOUT = 5V
Figure 3.
Figure 4.
Ground Current
vs
Shutdown IQ
Output Voltage
vs
IL = 3A
Junction Temperature
Figure 5.
Figure 6.
Error Flag Threshold
DC Load Reg.
vs
vs
Junction Temperature
Junction Temperature
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP3873 LP3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com