Electronic Components Datasheet Search
  English  ▼

X  

LP3961 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3961 Datasheet HTML 2Page - Texas Instruments LP3961 Datasheet HTML 3Page - Texas Instruments LP3961 Datasheet HTML 4Page - Texas Instruments LP3961 Datasheet HTML 5Page - Texas Instruments LP3961 Datasheet HTML 6Page - Texas Instruments LP3961 Datasheet HTML 7Page - Texas Instruments LP3961 Datasheet HTML 8Page - Texas Instruments LP3961 Datasheet HTML 9Page - Texas Instruments LP3961 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LP3961, LP3964
SNVS056J – MAY 2000 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 10 mA, COUT = 33 µF, VSD = VIN – 0.3 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
TdOFF
Turnoff delay
IL = 800 mA
20
µs
TdON
Turnon delay
IL = 800 mA
25
µs
ISD
SD input current
VSD = VIN
1
nA
ERROR FLAG COMPARATOR
VT
Threshold
See(7)
10%
See(7), –40°C
≤ TJ ≤ 125°C
5%
16%
VTH
Threshold hysteresis
See(7)
5%
See(7), –40°C
≤ TJ ≤ 125°C
2%
8%
VEF(Sat)
ERROR flag saturation
Isink = 100 µA
0.02
V
Isink = 100 µA
0.1
Td
Flag reset delay
1
µs
Ilk
ERROR flag pin leakage current
1
nA
Imax
ERROR flag pin sink current
VERROR = 0.5 V (overtemperature)
1
mA
AC PARAMETERS
VIN = VOUT + 1.5 V,
60
COUT = 100 µF,
VOUT = 3.3 V
PSRR
Ripple rejection
dB
VIN = VOUT + 0.3 V,
40
COUT = 100 µF,
VOUT = 3.3 V
ρn(l/f)
Output noise density
f = 120 Hz
0.8
µV
BW = 10 Hz to 100 kHz
150
en
Output noise voltage (rms)
µVRMS
BW = 300 Hz to 300 kHz
100
(7)
ERROR flag threshold and hysteresis are specified as percentage of regulated output voltage.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com