Electronic Components Datasheet Search
  English  ▼

X  

LP3962 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3962
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3962 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3962_15 Datasheet HTML 9Page - Texas Instruments LP3962_15 Datasheet HTML 10Page - Texas Instruments LP3962_15 Datasheet HTML 11Page - Texas Instruments LP3962_15 Datasheet HTML 12Page - Texas Instruments LP3962_15 Datasheet HTML 13Page - Texas Instruments LP3962_15 Datasheet HTML 14Page - Texas Instruments LP3962_15 Datasheet HTML 15Page - Texas Instruments LP3962_15 Datasheet HTML 16Page - Texas Instruments LP3962_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LP3962, LP3965
www.ti.com
SNVS066H – MAY 2000 – REVISED APRIL 2013
The primary source of noise in low-dropout regulators is the internal reference. In CMOS regulators, noise has a
low frequency component and a high frequency component, which depend strongly on the silicon area and
quiescent current. Noise can be reduced in two ways: by increasing the transistor area or by increasing the
current drawn by the internal reference. Increasing the area will decrease the chance of fitting the die into a
smaller package. Increasing the current drawn by the internal reference increases the total supply current
(ground pin current). Using an optimized trade-off of ground pin current and die size, LP3962/LP3965 achieves
low noise performance and low quiescent current operation.
The total output noise specification for LP3962/LP3965 is presented in the Electrical Characteristics table. The
Output noise density at different frequencies is represented by a curve under typical performance characteristics.
SHORT-CIRCUIT PROTECTION
The LP3962and LP3965 is short circuit protected and in the event of a peak over-current condition, the short-
circuit control loop will rapidly drive the output PMOS pass element off. Once the power pass element shuts
down, the control loop will rapidly cycle the output on and off until the average power dissipation causes the
thermal shutdown circuit to respond to servo the on/off cycling to a lower frequency. Please refer to the section
on thermal information for power dissipation calculations.
ERROR FLAG OPERATION
The LP3962/LP3965 produces a logic low signal at the Error Flag pin when the output drops out of regulation
due to low input voltage, current limiting, or thermal limiting. This flag has a built in hysteresis. The timing
diagram in Figure 22 shows the relationship between the ERROR and the output voltage. In this example, the
input voltage is changed to demonstrate the functionality of the Error Flag.
The internal Error flag comparator has an open drain output stage. Hence, the ERROR pin should be pulled high
through a pull up resistor. Although the ERROR pin can sink current of 1mA, this current is energy drain from the
input supply. Hence, the value of the pull up resistor should be in the range of 10k
Ω to 1MΩ. The ERROR pin
must be connected to ground if this function is not used. It should also be noted that when the shutdown pin
is pulled low, the ERROR pin is forced to be invalid for reasons of saving power in shutdown mode.
Figure 22. Error Flag Operation
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3962 LP3965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com