Electronic Components Datasheet Search
  English  ▼

X  

LP3962 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP3962
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3962 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3962_15 Datasheet HTML 18Page - Texas Instruments LP3962_15 Datasheet HTML 19Page - Texas Instruments LP3962_15 Datasheet HTML 20Page - Texas Instruments LP3962_15 Datasheet HTML 21Page - Texas Instruments LP3962_15 Datasheet HTML 22Page - Texas Instruments LP3962_15 Datasheet HTML 23Page - Texas Instruments LP3962_15 Datasheet HTML 24Page - Texas Instruments LP3962_15 Datasheet HTML 25Page - Texas Instruments LP3962_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP3962EMP-1.8
NRND
SOT-223
NDC
5
1000
TBD
Call TI
Call TI
-40 to 125
LBCB
LP3962EMP-1.8/NOPB
ACTIVE
SOT-223
NDC
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LBCB
LP3962EMP-2.5
NRND
SOT-223
NDC
5
1000
TBD
Call TI
Call TI
-40 to 125
LBDB
LP3962EMP-2.5/NOPB
ACTIVE
SOT-223
NDC
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LBDB
LP3962EMP-3.3
NRND
SOT-223
NDC
5
1000
TBD
Call TI
Call TI
-40 to 125
LBEB
LP3962EMP-3.3/NOPB
ACTIVE
SOT-223
NDC
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LBEB
LP3962EMPX-2.5/NOPB
ACTIVE
SOT-223
NDC
5
2000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LBDB
LP3962ES-1.8
NRND
DDPAK/
TO-263
KTT
5
45
TBD
Call TI
Call TI
-40 to 125
LP3962ES
-1.8
LP3962ES-1.8/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3962ES
-1.8
LP3962ES-2.5
NRND
DDPAK/
TO-263
KTT
5
45
TBD
Call TI
Call TI
-40 to 125
LP3962ES
-2.5
LP3962ES-2.5/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3962ES
-2.5
LP3962ES-3.3
NRND
DDPAK/
TO-263
KTT
5
45
TBD
Call TI
Call TI
-40 to 125
LP3962ES
-3.3
LP3962ES-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3962ES
-3.3
LP3962ESX-1.8/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3962ES
-1.8
LP3962ESX-2.5/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3962ES
-2.5
LP3962ESX-3.3
NRND
DDPAK/
TO-263
KTT
5
500
TBD
Call TI
Call TI
-40 to 125
LP3962ES
-3.3
LP3962ESX-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3962ES
-3.3
LP3962ESX-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LP3962ES
-5.0
LP3962ET-3.3/LB05
NRND
TO-220
NEB
5
45
TBD
Call TI
Call TI
LP3962ET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com