Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3981
Description  LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3981_15 Datasheet HTML 8Page - Texas Instruments LP3981_15 Datasheet HTML 9Page - Texas Instruments LP3981_15 Datasheet HTML 10Page - Texas Instruments LP3981_15 Datasheet HTML 11Page - Texas Instruments LP3981_15 Datasheet HTML 12Page - Texas Instruments LP3981_15 Datasheet HTML 13Page - Texas Instruments LP3981_15 Datasheet HTML 14Page - Texas Instruments LP3981_15 Datasheet HTML 15Page - Texas Instruments LP3981_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
2& =
6,(/#:) . 6#)
4à,#
IN
BYPASS
LP3981
2.2 µF
EN
OUT-SENSE
OUT
2(2)
7(6)
1(1)
4(3)
6(5)
5(4)
2.2 µF
LP3981
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers must
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP3981 can provide 300-mA output current with 2.5-V to 6-V input. It is stable with a 2.2-
μF ceramic output
capacitor. An optional external bypass capacitor reduces the output noise without slowing down the load
transient response. Typical output noise is 35 µVRMS at frequencies from 10 Hz to 100 kHz. Typical power supply
rejection is 60 dB at 1 kHz.
9.2 Typical Application
Figure 17. LP3981 Typical Application
9.2.1 Design Requirements
Example requirements for typical voltage inverter applications:
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
3.5 V, ±10%
Output voltage
2.5 V, ±5%
Output current
300 mA (maximum)
RMS noise, 10 Hz to100 kHz
35
μVRMS
PSRR at 1 kHz
60 dB
9.2.2 Detailed Design Procedure
9.2.2.1 Power Dissipation and Device Operation
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the device, to the ultimate heat sink, the ambient environment. Thus, the
power dissipation is dependant on the ambient temperature and the thermal resistance across the various
interfaces between the die and ambient air.
As stated in the notes for Absolute Maximum Ratings and Recommended Operating Conditions, the allowable
power dissipation for the device in a given package can be calculated using Equation 1:
(1)
12
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com