Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3981
Description  LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3981_15 Datasheet HTML 10Page - Texas Instruments LP3981_15 Datasheet HTML 11Page - Texas Instruments LP3981_15 Datasheet HTML 12Page - Texas Instruments LP3981_15 Datasheet HTML 13Page - Texas Instruments LP3981_15 Datasheet HTML 14Page - Texas Instruments LP3981_15 Datasheet HTML 15Page - Texas Instruments LP3981_15 Datasheet HTML 16Page - Texas Instruments LP3981_15 Datasheet HTML 17Page - Texas Instruments LP3981_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LP3981
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
www.ti.com
9.2.2.5 No-Load Stability
The LP3981 remains stable and in regulation with no external load. This is specially important in CMOS RAM
keep-alive applications.
9.2.2.6 Noise Bypass Capacitor
Connecting a 0.033-µF capacitor between the BYPASS pin and ground significantly reduces noise on the
regulator output. This capacitor is connected directly to a high impedance node in the bad gap reference circuit.
Any significant loading on this node causes a change on the regulated output voltage. For this reason, DC
leakage current through this pin must be kept as low as possible for best output voltage accuracy.
The types of capacitors best suited for the noise bypass capacitor are ceramic and film. Hight-quality ceramic
capacitors with either NPO or COG dielectric typically have very low leakage. Polypropolene and polycarbonate
film capacitors are available in small surface-mount packages and typically have extremely low leakage current.
Unlike many other LDOs, addition of a noise reduction capacitor does not effect the transient response of the
device.
9.2.2.7 Capacitor Characteristics
The LP3981 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer: for capacitance values in the range of 1 µF to 4.7 µF, ceramic capacitors are the smallest, least expensive
and have the lowest ESR values (which makes them best for eliminating high frequency noise). The ESR of a
typical 1µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR requirement for
stability by the LP3981.
Capacitance of a ceramic capacitor can vary with temperature. Most large value ceramic capacitors (
≊ 2.2 µF)
are manufactured with Z5U or Y5V temperature characteristics, which results in the capacitance dropping by
more than 50% as the temperature goes from 25°C to 85°C.
A better choice for temperature coefficient in a ceramic capacitor is X7R, which holds the capacitance within
±15%.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1-µF to 4.7-µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalently sized
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. It must also be noted that the ESR of a typical tantalum increases about 2:1
as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
9.2.3 Application Curves
VIN = VOUT + 1 V to VOUT + 1.6 V
VIN = VOUT + 1V to VOUT + 1.6 V
Figure 18. Line Transient Response
Figure 19. Line Transient Response
14
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com