Electronic Components Datasheet Search
  English  ▼

X  

TC7660EV Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7660EV
Description  Charge Pump DC-TO-DC Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EV Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7660EV Datasheet HTML 2Page - Microchip Technology TC7660EV Datasheet HTML 3Page - Microchip Technology TC7660EV Datasheet HTML 4Page - Microchip Technology TC7660EV Datasheet HTML 5Page - Microchip Technology TC7660EV Datasheet HTML 6Page - Microchip Technology TC7660EV Datasheet HTML 7Page - Microchip Technology TC7660EV Datasheet HTML 8Page - Microchip Technology TC7660EV Datasheet HTML 9Page - Microchip Technology TC7660EV Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC1044S-12 9/16/96
TC1044S
Charge Pump DC-TO-DC Voltage Converter
6
© 2001 Microchip Technology Inc.
DS21348A
Figure 8. Positive Voltage Multiplier
Combined Negative Voltage Conversion
and Positive Supply Multiplication
Figure 9 combines the functions shown in Figures 3 and
8 to provide negative voltage conversion and positive volt-
age multiplication simultaneously. This approach would be,
for example, suitable for generating +9V and –5V from an
existing +5V supply. In this instance, capacitors C1 and C3
perform the pump and reservoir functions, respectively, for
the generation of the negative voltage, while capacitors C2
and C4 are pump and reservoir, respectively, for the multi-
plied positive voltage. There is a penalty in this configuration
which combines both functions, however, in that the source
impedances of the generated supplies will be somewhat
higher due to the finite impedance of the common charge
pump driver at pin 2 of the device.
Efficient Positive Voltage
Multiplication/Conversion
Since the switches that allow the charge pumping op-
eration are bidirectional, the charge transfer can be per-
formed backwards as easily as forwards. Figure 10 shows
a TC1044S transforming –5V to +5V (or +5V to +10V, etc.).
The only problem here is that the internal clock and switch-
drive section will not operate until some positive voltage has
been generated. An initial inefficient pump, as shown in
Figure 9, could be used to start this circuit up, after which it
Figure 7. Lowering Oscillator Frequency
1
2
3
4
8
7
6
5
+
V
+
VOUT
C1
COSC
+
C2
TC1044S
will bypass the other (D1 and D2 in Figure 9 would never turn
on), or else the diode and resistor shown dotted in Figure 10
can be used to "force" the internal regulator on.
Voltage Splitting
The same bidirectional characteristics used in Figure 10
can also be used to split a higher supply in half, as shown in
Figure 11. The combined load will be evenly shared be-
tween the two sides. Once again, a high value resistor to the
LV pin ensures start-up. Because the switches share the
load in parallel, the output impedance is much lower than in
the standard circuits, and higher currents can be drawn from
the device. By using this circuit, and then the circuit of Figure
5, +15V can be converted (via +7.5V and –7.5V) to a nominal
–15V, though with rather high series resistance (~250
Ω).
1
2
3
4
8
7
6
5
V+
VOUT =
(2 V+) – (2 VF)
+
C2
D1
D2
+
C1
TC1044S
1
2
3
4
8
7
6
5
+
V +
VOUT =
(2 V +) – (2 VF)
C1
D1
+
+
C3
C4
VOUT = –V
+
C2
TC1044S
D2
+
Figure 9. Combined Negative Converter and Positive Multiplier
Negative Voltage Generation for
Display ADCs
The TC7106 is designed to work from a 9V battery. With
a fixed power supply system, the TC7106 will perform
conversions with input signal referenced to power supply
ground.
Negative Supply Generation for 4
¹⁄₂ Digit
Data Acquisition System
The TC7135 is a 4
¹⁄₂ digit ADC operating from ±5V
supplies. The TC1044S provides an inexpensive –5V source.
(See AN16 and AN17 for TC7135 interface details and
software routines.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com