Electronic Components Datasheet Search
  English  ▼

X  

TC7660EV Datasheet(PDF) 9 Page - Microchip Technology

Part # TC7660EV
Description  Charge Pump DC-TO-DC Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EV Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC7660EV Datasheet HTML 3Page - Microchip Technology TC7660EV Datasheet HTML 4Page - Microchip Technology TC7660EV Datasheet HTML 5Page - Microchip Technology TC7660EV Datasheet HTML 6Page - Microchip Technology TC7660EV Datasheet HTML 7Page - Microchip Technology TC7660EV Datasheet HTML 8Page - Microchip Technology TC7660EV Datasheet HTML 9Page - Microchip Technology TC7660EV Datasheet HTML 10Page - Microchip Technology TC7660EV Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
TC1044S
Charge Pump DC-TO-DC Voltage Converter
TC1044S-12 9/16/96
© 2001 Microchip Technology Inc.
DS21348A
PACKAGE DIMENSIONS
Dimensions: inches (mm)
8-Pin Plastic DIP
3
° MIN.
PIN 1
.260 (6.60)
.240 (6.10)
.045 (1.14)
.030 (0.76)
.070 (1.78)
.040 (1.02)
.400 (10.16)
.348 (8.84)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
.110 (2.79)
.090 (2.29)
.022 (0.56)
.015 (0.38)
.040 (1.02)
.020 (0.51)
.015 (0.38)
.008 (0.20)
.310 (7.87)
.290 (7.37)
.400 (10.16)
.310 (7.87)
.400 (10.16)
.370 (9.40)
.300 (7.62)
.230 (5.84)
.065 (1.65)
.045 (1.14)
.055 (1.40) MAX.
.020 (0.51) MIN.
PIN 1
.200 (5.08)
.160 (4.06)
.200 (5.08)
.125 (3.18)
.110 (2.79)
.090 (2.29)
.020 (0.51)
.016 (0.41)
.040 (1.02)
.020 (0.51)
.320 (8.13)
.290 (7.37)
.150 (3.81)
MIN.
3
° MIN.
.015 (0.38)
.008 (0.20)
.400 (10.16)
.320 (8.13)
8-Pin CerDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com