Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF68 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button RF68 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Page 14
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
5.2. APPLICATION Configuration Parameters
Name
Number
Description
Power
&Go 1
Power
&Go 2
Mode
DA(15)
Mode:
0 → Automatic mode
1 → Forced transmit mode
0
Modul
DA(14)
Modulation scheme:
0 → FSK
1 → OOK
0
1
Band
DA(13)
Band 0, 310 to 450 MHz
Band 1, 860 to 870 MHz and 902 to 928 MHz
1
0
Fdev
DA(12:5)
RF Frequency deviation in FSK mode only
See Table 7 for details
0x06
Fdev=
+/-19.2kHz
Unused
Pout
DA(4)
Output power range:
0 → 0 dBm
1 → 10 dBm
1
1
TOFFT
DA(3)
Period of inactivity on DATA before RF68
enters Sleep mode in Automatic mode:
0 → 2 ms
1 → 20 ms
0
1
RES
DA(2:0)
Reserved
100
100
Table 10 APPLICATION Configuration Parameters
Note
All changes to the APPLICATION parameters must be performed when the device is in Sleep mode, with the
exception of DA(15). Mode can be sequentially written to “1”, and then “0” while the device is in Transmit mode, to
speed up the turn off process and circumvent the TOFFT delay.
5.3. FREQUENCY Configuration Parameters
Name
Number
Description
Power
&Go 1
Power
&Go 2
Frf
DF(18:0)
RF operating frequency
See Table 7 for details
0x42CAD
Frf=868.3 MHz
With 26 MHz
reference
0x42C1C
Frf=433.92 MHz
With 26 MHz
reference
Table 11 FREQUENCY Configuration Parameters
If done in Sleep mode, the Frequency change instruction will be applied next time the RF68 is turned on. If Frequency
change occurs during transmission, the automated Frequency Hopping sequence described in section [4.4.2] will take
place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com