Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF68 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RF68 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Page 7
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF68
Symbol
Description
Conditions
Min
Typ
Max
Unit
FXOSC
Crystal Oscillator Frequency
-
-
-
22
24
26
-
-
-
MHz
MHz
MHz
DFXOSC
Frequency Variation of the XOSC
No crystal contribution
-
-
+/-25
ppm
Timing Specifications
TS_TR
Time from Sleep to Tx mode
XTAL dependant, with spec’d XTAL
-
650
2000
us
TS_HOP0
Channel hop time in Band 0
315 to 390 MHz
-
250
500
us
TS_HOP1
Channel hop time in Band 1
Maximum hop of 26 MHz***
-
200
400
us
TOFFT
Timer from Tx data activity to
Sleep
Programmable
-
-
2
20
-
-
ms
ms
RAMP
PA Ramp up and down time
-
20
-
us
T_START
Time before CTRL pin mode
selection.
Time from power on to sampling of
CTRL **
-
200 us
+ TS_OSC
-
ms
* With different matching networks
** The oscillator startup time, TS_OSC, depends on the electrical characteristics of the crystal
*** From the last CTRL falling edge of the Frequency change instruction to transmitter ready (PA ramp up finished)
3. Timing Characteristics
The following table gives the operating specifications for the TWI interface of the RF68.
Table 5
Serial Interface Timing Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
fCTRL
CTRL Clock Frequency
-
-
10
MHz
tch
CTRL Clock High time
45
-
-
ns
tcl
CTRL Clock Low time
45
-
-
ns
trise
CTRL Clock rise time
-
-
5
ns
tfall
CTRL Clock Fall time
-
-
5
ns
tsetup
DATA Setup time
From Data transition to CTRL rising
edge
45
-
-
ns
thold
DATA hold time
From CTRL rising edge to DATA
transition
45
-
-
ns
t0, t2
Time at “1” on DATA during
Recovery command
See Figure 9 and Figure 10
-
-
5
us
t1
Time at “0” on DATA during
Recovery command
See Figure 10
5
-
-
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com