Electronic Components Datasheet Search
  English  ▼

X  

RFM01 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RFM01
Description  Universal ISM Band FSK Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM01 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RFM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
RFM01
13
4. Wake-Up Timer Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
1
r4
r3
r2
r1
r0
m7
m6
m5
m4
m3
m2
m1
m0
E196h
The wake-up time period can be calculated by M <m7 : m0> and R <r4 : r0>:
Twake-up = M * 2Rms
Software reset: Sending FF00h command to the chip triggers software reset. For more details see the Reset modes section.
5. Low Duty-Cycle Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
1
1
0
0
d6
d5
d4
d3
d2
d1
d0
en
CC0Eh
With this command Low Duty-Cycle operation can be set in order to decrease the average power consumption.
The time cycle is determined by the Wake-Up Timer Command.
The Duty-Cycle is calculated by D <d6 : d0> and M. (M is parameter in a Wake-Up Timer Command.)
D.C.= (D * 2 +1) / M *100%
6. Low Battery Detector and Microcontroller Clock Divider Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
0
1
0
d2
d1
d0
t4
t3
t2
t1
t0
C200h
The 5-bit value T of t4-t0 determines the threshold voltage of the threshold voltage Vlb of the detector:
Vlb= 2.25 V + T * 0.1 V
Clock divider configuration:
d2
d1
d0
Clock Output
Frequency [MHz]
0
0
0
1
0
0
1
1.25
0
1
0
1.66
0
1
1
2
1
0
0
2.5
1
0
1
3.33
1
1
0
5
1
1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com