Electronic Components Datasheet Search
  English  ▼

X  

RFM01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RFM01
Description  Universal ISM Band FSK Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RFM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
RFM01
7
GENERAL DEVICE SPECIFICATIONS
All voltages are referenced to Vss, the potential on the ground reference pin VSS.
Absolute Maximum Ratings (non-operating)
Symbol
Parameter
Min
Max
Units
Vdd
Positive supply voltage
-0.5
6.0
V
Vin
Voltage on any pin except open collector outputs
-0.5
Vdd+0.5
V
Iin
Input current into any pin except VDD and VSS
-25
25
mA
ESD
Electrostatic discharge with human body model
1000
V
Tst
Storage temperature
-55
125
ºC
Tld
Lead temperature (soldering, max 10 s)
260
ºC
Recommended Operating Range
Symbol
Parameter
Min
Max
Units
Vdd
Positive supply voltage
2.2
5.4
V
Top
Ambient operating temperature
-40
85
ºC
ELECTRICAL SPECIFICATION
(Test Conditions: Top = 27 oC; Vdd = Voc = 3.3 V)
DC Characteristics
Symbol
Parameter
Conditions/Notes
Min
Typ
Max
Units
315 / 433 MHz bands
9
11
868 MHz band
10.5
12.5
Idd
Supply current
915 MHz band
12
14
mA
Ipd
Standby current
All blocks disabled
0.3
µA
Ilb
Low battery voltage detector current
consumption
0.5
µA
Iwt
Wake-up timer current consumption
(Note 1)
1.5
µA
Ix
Idle current
Crystal oscillator and base band parts
are ON
3.0
3.5
mA
Vlb
Low battery detect threshold
Programmable in 0.1 V steps
2.25
5.35
V
Vlba
Low battery detection accuracy
+/-3
%
Vil
Digital input low level
0.3*Vdd
V
Vih
Digital input high level
0.7*Vdd
V
Iil
Digital input current
Vil = 0 V
-1
1
µA
Iih
Digital input current
Vih = Vdd, Vdd = 5.4 V
-1
1
µA
Vol
Digital output low level
Iol = 2 mA
0.4
V
Voh
Digital output high level
Ioh = -2 mA
Vdd-0.4
V
Note 1: Using the internal wake-up timer and counter reduces the overall current consumption, which should permit approximately 6 months
operation from a 1500mAh battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com