Electronic Components Datasheet Search
  English  ▼

X  

RFM02 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RFM02
Description  Universal ISM Band FSK Transmitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM02 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RFM02 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Tel: +86-755-82973805
Fax: +86-755-82
E-mail: sales@hoperf.com
http://www.hoperf.com
RFM02
2
p1
p0
Output Power [dB]
0
0
0
0
0
0
1
-3
0
1
0
-6
0
1
1
-9
1
0
0
-12
1
0
1
-15
1
1
0
-18
1
1
1
-21
5. Power Setting Command
bit
7
6
5
4
3
2
1
0
POR
1
0
1
1
0
p2
p1
p0
B0h
The output power is given in the table
as relative to the maximum available
power, which depends on the actual
antenna impedance.
6. Low Battery Detector and TX Bit Synchronization Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
0
1
0
dwc
0
ebs
t4
t3
t2
t1
t0
C200h
Bit 7 <dwc> Disables the Wake-up timer periodical (every 30 second) calibration if this bit is set.
Bit 5 <ebs> Enables the TX bit synchronization circuit. The data rate must be set by the Data Rate
Command.5
The 5-bit value T of <t4 : t0> determines the threshold voltage V lb of the detector:
V lb= 2.2 V + T * 0.1 V
7. Sleep Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
1
0
0
s7
s6
s5
s4
s3
s2
s1
s0
C400h
The effect of this command depends on the Power Management Command. It immediately disables the
power amplifier (if a0=1 and ea=0) and the synthesizer (if a1=1 and es=0). Stops the crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com