Electronic Components Datasheet Search
  English  ▼

X  

RFM02 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RFM02
Description  Universal ISM Band FSK Transmitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM02 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RFM02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM02 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Tel: +86-755-82973805
Fax: +86-755-82
E-mail: sales@hoperf.com
http://www.hoperf.com
RFM02
Co
Output capacitance
(set by the automatic
antenna tuning circuit)
At low bands
At high bands
1.5
1.6
2.3
2.2
2.8
3.1
pF
Qo
Quality factor of the
output capacitance
16
18
22
pF
Lout
Output phase noise
100 kHz from carrier
1 MHz from carrier (Note 7)
-85
-105
dBc/Hz
BRFSK
FSK bit rate
(Note 7)
115.2
kbps
dffsk
FSK frequency
deviation
Programmable in 30 kHz steps
30
210
kHz
Cxl
Crystal load
capacitance See
Crystal Selection
Guidelines
Programmable in 0.5 pF steps,
tolerance +/-10%
8.5
16
pF
tPOR
Internal POR timeout
(Note 6)
After Vdd has reached 90% of
final value
50
ms
tsx
Crystal oscillator
startup time
Crystal ESR < 100 Ohms
1.5
5
ms
tPBt
Wake-up timer clock
period
Calibrated every 30 seconds
0.95
1.05
ms
twake-up
Programmable
wake-up time
1
5 *10
11
ms
Cin, D
Digital input
capacitance
2
pF
tr, f
Digital output rise/fall
time
15 pF pure capacitive load
10
ns
Note 1: Using a CR2032 battery (225 mAh capacity), the expected battery life is greater than 2 years
using a 60-second wake-up period for sending 50 byte packets in length at 19.2 kbps with +6 dBm output
power in the 915 MHz band.
Note 2: Using anything but a 10 MHz crystal is allowed but not recommended because all
crystal-referred timing and frequency parameters will change accordingly.
Note 3: Adjustable in 8 steps.
Note 4: Optimal antenna admittance/impedance for the RFM02:
Yantenna [S]
Zantenna [Ohm]
Lantenna [nH]
434 MHz
1.3E-3 - j6.3E-3
31 + j152
58.00
868 MHz
1.35E-3 - j1.2E-2
9 + j82
15.20
915 MHz
1.45E-3 - j1.3E-2
8.7 + j77
13.60
Note 5: With selective resonant antennas .
Note 6: During this period, no commands are accepted by the chip.
Note 7: The maximum FSK bitrate and the Output phase noise are dependent on the actual setting of the
PLL Setting Command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com