Electronic Components Datasheet Search
  English  ▼

X  

TC1263 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1263
Description  500mA Fixed Output CMOS LDO with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263 Datasheet(HTML) 4 Page - Microchip Technology

  TC1263 Datasheet HTML 1Page - Microchip Technology TC1263 Datasheet HTML 2Page - Microchip Technology TC1263 Datasheet HTML 3Page - Microchip Technology TC1263 Datasheet HTML 4Page - Microchip Technology TC1263 Datasheet HTML 5Page - Microchip Technology TC1263 Datasheet HTML 6Page - Microchip Technology TC1263 Datasheet HTML 7Page - Microchip Technology TC1263 Datasheet HTML 8Page - Microchip Technology TC1263 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1263
DS21374B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1263 is a precision, fixed output LDO. Unlike
bipolar regulators, the TC1263’s supply current does
not increase with load current. In addition, VOUT
remains stable and within regulation over the entire
0mA to ILOADMAX load current range (an important
consideration in RTC and CMOS RAM battery back-up
applications).
Figure 3-1 shows a typical application circuit.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
Output Capacitor
A1
µF(min) capacitor from VOUT to ground is required.
The output capacitor should have an effective series
resistance greater than 0.1
Ω and less than 5Ω, and a
resonant frequency above 1MHz. A 1
µF capacitor
should be connected from VIN to GND if there is more
than 10 inches of wire between the regulator and the
AC filter capacitor, or if a battery is used as the power
source. Aluminum electrolytic or tantalum capacitor
types can be used. (Since many aluminum electrolytic
capacitors
freeze
at
approximately
-30°C,
solid
tantalums are recommended for applications operating
below -25°C.) When operating from sources other than
batteries,
supply-noise
rejection
and
transient
response canbeimprovedbyincreasingthe value of
the input and output capacitors and employing passive
filtering techniques.
3.2
ERROR Output
ERROR is driven low whenever VOUT falls out of
regulation by more than – 5% (typical). This condition
may be caused by low input voltage, output current
limiting, or thermal limiting. The ERROR threshold is
5% below rated VOUT regardless of the programmed
output voltage value (e.g., ERROR =VOL at 4.75V
(typ.) for a 5.0V regulator and 2.85V (typ.) for a 3.0V
regulator). ERROR output operation is shown in
Figure 3-2.
Note that ERROR is active when VOUT is at or below
VTH, and inactive when VOUT is above VTH +VH.
As shown in Figure 3-1, ERROR canbe usedas a
battery low flag, or as a processor RESET signal (with
the addition of timing capacitor C3). R1 x C3 should be
chosen to maintain ERROR below VIH of the processor
RESET input for at least 200 msec to allow time for the
system to stabilize. Pull-up resistor R1 can be tied to
VOUT,VIN or any other voltage less than (VIN +0.3V).
FIGURE 3-2:
ERROR OUTPUT
OPERATION
1
µF
C1
0.2
µF
R1
1M
V+
C3 Required Only
if ERROR is used as a
Processor RESET Signal
(See Text)
Shutdown Control
(to CMOS Logic or Tie
to VIN if unused)
BATTLOW
or RESET
TC1263
VIN
Battery
VOUT
ERROR
SHDN
GND
VOUT
1
µF
C2
C3
+
+
+
+
VOUT
VTH
VIH
HYSTERESIS (VH)
VOL
ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com