Electronic Components Datasheet Search
  English  ▼

X  

TC1263 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1263
Description  500mA Fixed Output CMOS LDO with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263 Datasheet(HTML) 1 Page - Microchip Technology

  TC1263 Datasheet HTML 1Page - Microchip Technology TC1263 Datasheet HTML 2Page - Microchip Technology TC1263 Datasheet HTML 3Page - Microchip Technology TC1263 Datasheet HTML 4Page - Microchip Technology TC1263 Datasheet HTML 5Page - Microchip Technology TC1263 Datasheet HTML 6Page - Microchip Technology TC1263 Datasheet HTML 7Page - Microchip Technology TC1263 Datasheet HTML 8Page - Microchip Technology TC1263 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21374B-page 1
TC1263
Features
• Very Low Dropout Voltage
• 500mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Over Current and Over Temperature Protection
• SHDN Input for Active Power Management
• ERROR Output Can Be Used as a Low Battery
Detector (SOIC only)
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
NOTE: xx indicates output voltages.
Available Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0.
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC1263 is a fixed output, high accuracy (typically
±0.5%)
CMOS
low
dropout
regulator.
Designed
specifically for battery-operated systems, the TC1263’s
CMOS construction eliminates wasted ground current,
significantly extending battery life. Total supply current
is typically 80
µA at full load (20 to 60 times lower than
in bipolar regulators).
TC1263 key features include ultra low noise operation,
very low dropout voltage (typically 350mV at full load),
and fast response to step changes in load.
The TC1263 incorporates both over temperature and
over current protection. The TC1263 is stable with an
output capacitor of only 1
µF and has a maximum
output current of 500mA. It is available in 8-Pin SOIC,
5-Pin TO-220 and 5-Pin DDPAK packages.
Typical Application
Part Number
Package
Junction
Temp. Range
TC1263-xxVOA
8-Pin SOIC
-40°C to +125°C
TC1263-xxVAT
5-Pin TO-220
-40°C to +125°C
TC1263-xxVET
5-Pin DDPAK
-40°C to +125°C
FRONT VIEW
1 2
3
TAB IS GND
TC1263
1
2
3
4
8
7
6
5
TC1263
NC
SHDN
8-Pin SOIC
GND
NC
BYPASS
VOUT
VIN
5-Pin DDPAK
TC1263
5-Pin TO-220
TAB IS GND
1 2 3 4 5
4
5
ERROR
TC1263
VIN
VOUT
COUT
1
µF
GND
VOUT
VIN
SHDN
SHDN
+
500mA Fixed Output CMOS LDO with Shutdown


Similar Part No. - TC1263

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263-2.5VAT MICROCHIP-TC1263-2.5VAT Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263-2.5VAT MICROCHIP-TC1263-2.5VAT Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263-2.5VET MICROCHIP-TC1263-2.5VET Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263-2.5VETTR MICROCHIP-TC1263-2.5VETTR Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263-2.5VETTR MICROCHIP-TC1263-2.5VETTR Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
More results

Similar Description - TC1263

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com