Electronic Components Datasheet Search
  English  ▼

X  

MPH Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPH
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPH Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPH_15 Datasheet HTML 1Page - RUBYCON CORPORATION MPH_15 Datasheet HTML 2Page - RUBYCON CORPORATION MPH_15 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
250Vdc
100Vdc
Frequency
(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Frequency
(kHz)
10
100
1000
106
475
225
105
106
126
475
226
474
224
104
450Vdc
Frequency
(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
475
225
105
474
224
104
◆SPECIFICATIONS
±3%(H), ±5%(J), ±10%(K)
0.001max at 1kHz
UR×150% 60s
C≦0.33μF:25000MΩmin
C>0.33μF: 7500ΩFmin
JIS C 5101-16, JIS C 5101-1
100Vdc, 250Vdc, 450Vdc, 630Vdc, 800Vdc
−40∼+105℃
Rated Voltage (UR)
Category Temperature Range
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
◆PART NUMBER
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPH
SERIES
MPH
◆FEATURES
・Miniaturized and Low ESR with vertically long shape.
・Low buzz.
・For applications where high frequency and high current are required.
(Switching power supply, lighting lnverter, etc)
・Coated with flame-retardant (UL94 V-0) epoxy resin.
・RoHS compliance.
◆OUTLINE
(mm)
□□□
Rated Voltage
MPH
Series
□□□
Option
□□
Lead Forming
□□□
Capacitance
□
Capacitance Tolerance
UPGRADE
Low D.F, Low ESR
◆PERMISSIBLE CURRENT FOR FREQUENCY
Blank
E7,H7,Y7,X7,17
S7,W7,Q7,K7
A max
F
B max
φd±0.05
F
LS
F
LS


Similar Part No. - MPH_15

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MPH51 CONNOR-WINFIELD-MPH51 Datasheet
53Kb / 1P
14 PIN DIP HCMOS
MPH51R CONNOR-WINFIELD-MPH51R Datasheet
59Kb / 1P
14 PIN DIP MPH-SERIES
MPH61 CONNOR-WINFIELD-MPH61 Datasheet
53Kb / 1P
14 PIN DIP HCMOS
MPH61R CONNOR-WINFIELD-MPH61R Datasheet
59Kb / 1P
14 PIN DIP MPH-SERIES
logo
Vishay Siliconix
MPHE1001AT0 VISHAY-MPHE1001AT0 Datasheet
93Kb / 3P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
20-Oct-11
More results

Similar Description - MPH_15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com