Electronic Components Datasheet Search
  English  ▼

X  

TC1270 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1270
Description  4-Pin 關P Reset Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 5 Page - Microchip Technology

  TC1270 Datasheet HTML 1Page - Microchip Technology TC1270 Datasheet HTML 2Page - Microchip Technology TC1270 Datasheet HTML 3Page - Microchip Technology TC1270 Datasheet HTML 4Page - Microchip Technology TC1270 Datasheet HTML 5Page - Microchip Technology TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21381B-page 5
TC1270/TC1271
3.0
APPLICATIONS INFORMATION
3.1
VCC Transient Rejection
The TC1270/TC1271 provides accurate VCC monitor-
ing and reset timing during power-up, power-down, and
brownout/sag conditions, and rejects negative-going
transients (glitches) on the power supply line. Figure
3-1 shows the maximum transient duration vs.
maximum negative excursion (overdrive) for glitch
rejection. Any combination of duration and overdrive
that lays under the curve will not generate a reset
signal. Combinations above the curve are detected as
a brownout or power-down. Transient immunity can be
improved by adding a capacitor in close proximity to the
VCC pin of the TC1270/TC1271.
FIGURE 3-1:
MAXIMUM TRANSIENT
DURATION VS.
OVERDRIVE FOR GLITCH
REJECTION AT 25°C
3.2
RESET Signal Integrity During
Power-Down
The TC1270 RESET output is valid to VCC =1.0V.
Below this voltage the output becomes an "open
circuit" and does not sink current. This means CMOS
logic
inputs to
the
µPwill befloatingat an
undetermined
voltage.
Most
digital systems
are
completely
shut
down
well
above
this
voltage.
However, in
situations
where
RESET
must
be
maintained valid to VCC = 0V, a pull-down resistor must
be connected from RESET to ground to discharge stray
capacitances and hold the output low (Figure 3-2). This
resistor value, though not critical, should be chosen
such that it does not appreciably load RESET under
normal operation (100k
Ω will be suitable for most
applications). Similarly, a pull-up resistor to VCC is
required for the TC1271 to ensure a valid high RESET
for VCC below 1.1V.
FIGURE 3-2:
ENSURING RESET VALID
TO VCC =0V
3.3
Processors With Bidirectional
I/O Pins
Some
µP's (such as Motorola 68HC11) have bi-
directional reset pins. Depending on the current drive
capability of the processor pin, an indeterminate logic
level may result if there is a logic conflict. This can be
avoided by adding a 4.7 k
Ω resistor in series with the
output of the TC1270/TC1271 (Figure 3-3). If there are
other components in the system which require a reset
signal, they should be buffered so as not to load the
reset line. If the other components are required to
follow the reset I/O of the
µP, the buffer should be
connected as shown with the solid line.
FIGURE 3-3:
INTERFACING TO
BIDIRECTIONAL
RESET I/O
RESET COMPARATOR OVERDRIVE,
VTH - VCC (mV)
400
240
160
320
80
0
1
10
100
1000
TA
°C
VTH
Duration
Overdrive
VCC
TC127LMJ
TC127xR/S/T
TC1270
VCC
VCC
R1
100k
RESET
GND
TC1270
VCC
RESET
GND
RESET
GND
Buffered RESET
To Other System
Components
Buffer
µP
4.7k
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com