Electronic Components Datasheet Search
  English  ▼

X  

TC1270 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1270
Description  4-Pin 關P Reset Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 2 Page - Microchip Technology

  TC1270 Datasheet HTML 1Page - Microchip Technology TC1270 Datasheet HTML 2Page - Microchip Technology TC1270 Datasheet HTML 3Page - Microchip Technology TC1270 Datasheet HTML 4Page - Microchip Technology TC1270 Datasheet HTML 5Page - Microchip Technology TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1270/TC1271
DS21381B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VCC to GND) .............................+6.0V
RESET, RESET.......................... -0.3V to (VCC +0.3V)
Input Current, VCC...............................................20mA
Output Current, RESET, RESET .........................20mA
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1270/TC1271 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VCC = 5V for L/M versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, VCC =2.0V for F
version. TA = -40°C to +85°C unless otherwise noted. Typical values are at TA =+25°C.(Note 1).
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VCC
VCC Range
1.2
5.5
V
ICC
Supply Current
7
10
6
15
15
12
µAV
CC >VTH, for L/M/R/S/T/F
VCC <VTH, for L/M/R/S/T
VCC <VTH,for F
VTH
Reset Threshold
4.54
4.50
4.30
4.25
3.03
3.00
2.88
2.85
2.58
2.55
1.71
1.70
4.63
4.38
3.08
2.93
2.63
1.75
4.72
4.75
4.46
4.50
3.14
3.15
2.98
3.00
2.68
2.70
1.79
1.80
V
TC127_L; TA =+25°C
TA = -40°C to +85°C
TC127_M; TA =+25°C
TA = -40°C to +85°C
TC127_T; TA =+25°C
TA = -40°C to +85°C
TC127_S; TA =+25°C
TA = -40°C to +85°C
TC127_R; TA =+25°C
TA = -40°C to +85°C
TC127_F; TA =+25°C
TA = -40°C to +85°C
Reset Threshold Tempco
30
ppm/°C
VCC to Reset Delay
20
5
µsec
VCC =VTH to VTH – 125mV; L/M/R/S/T/F
tRP
Reset Active Timeout Period
140
280
560
msec
VCC =VTH(MAX)
tMR
MR Minimum Pulse Width
10
µsec
MR Glitch Immunity
0.1
µsec
tMD
MR to Reset Propagation Delay
0.5
µsec
VIH
VIL
MR Input Threshold
2.3
0.8
VVCC >VTH(MAX),
TC127_L/M
VIH
VIL
0.7 VCC
0.15 VCC
VVCC >VTH(MAX),
TC127_R/S/T/F
MR Pull-up Resistance
10
20
40
k
Note
1:
Production testing done at TA = +25°C, over temperature limits ensured by design.
2:
RESET output for TC1270, RESET output for TC1271.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com