Electronic Components Datasheet Search
  English  ▼

X  

TRV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # TRV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TRV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  TRV Datasheet HTML 1Page - RUBYCON CORPORATION TRV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TRV
SERIES
TRV
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Items
Characteristics
−40∼+105℃
6.3∼50Vdc
Rated Voltage
(Vdc)
φ6.3∼10
φ12.5∼18
0.32
0.30
6.3
0.28
0.26
10
0.26
0.22
16
0.16
0.16
25
0.14
0.14
35
0.14
0.12
50 (20℃,
120Hz)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initial value.
Not more than 300% of the specified value.
Not more than the specified value.
Case Size
LifeTime
(hrs)
φD=6.3
L=6.1
L=8
5000
10000
8000
6000
φD≧12.5
φD=8, 10
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
After applying rated voltage for specified time at 105℃, the capacitors shall meet the following requirements.
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with Increase of every 1000 μF.
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃) 4
6.3
4
10
4
16
4
25
3
35
3
50
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
TRV
Series
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
10∼33μF
0.45
0.75
0.90
1.00
47∼100μF
0.50
0.80
0.95
1.00
0.60
0.85
0.95
1.00
220∼8200μF
◆MARKING
〈φ6.3∼φ10〉
〈φ12.5∼φ18〉
Lot No.
Capacitance
Series
※
Rated voltage code
Negative
Lot No.
Capacitance
Series
※
Rated voltage code
※Voltage code
Negative
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater. (After 2 minutes application of rated voltage)
I=Leakage Current (μA)     C=Capacitance (μF)    V=Rated Voltage(Vdc)
Load Life : 105℃ 5000 ∼ 10000hours, Low Impedance,
Lead Free Reflow Soldering
◆FEATURES
・Load Life 105℃ 5000∼10000 hours.
・Lead free Reflow soldering is available.
・Prescribe Impedance value at 100kHz.
・RoHS compliance.
NEW
Rated Voltage
(Vdc)
Voltage code
6.3 10 16 25 35
j
φD≦10
φD≧12.5
AC
EV
0J 1A 1C 1E 1V
50
H
1H
AA
470
CTR
AA
2200
1C TR


Similar Part No. - TRV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
TRV-075S012ST ETC2-TRV-075S012ST Datasheet
561Kb / 2P
Switch Mode LED Drivers
TRV-075S024ST ETC2-TRV-075S024ST Datasheet
561Kb / 2P
Switch Mode LED Drivers
TRV-075S036ST ETC2-TRV-075S036ST Datasheet
561Kb / 2P
Switch Mode LED Drivers
TRV-075S042ST ETC2-TRV-075S042ST Datasheet
561Kb / 2P
Switch Mode LED Drivers
More results

Similar Description - TRV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TLV470M10X10.5 RUBYCON-25TLV470M10X10.5 Datasheet
151Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3TZV330M6.3X8 RUBYCON-6.3TZV330M6.3X8 Datasheet
75Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SJV RUBYCON-SJV_15 Datasheet
196Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SKV RUBYCON-SKV_15 Datasheet
167Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SLV RUBYCON-SLV_15 Datasheet
212Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
25TZV100M6.3X8 RUBYCON-25TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV100M6.3X8 RUBYCON-35TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3SZV47M5X5.5 RUBYCON-6.3SZV47M5X5.5 Datasheet
76Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
16SEV10M4X5.5 RUBYCON-16SEV10M4X5.5 Datasheet
172Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV220M8X10.5 RUBYCON-35TZV220M8X10.5 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com